Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

142H-532-200 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # 142H-532-200
Description  Continuous Wave (CW) Single Frequency Green Laser
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

142H-532-200 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  142H-532-200 Datasheet HTML 1Page - JDS Uniphase Corporation 142H-532-200 Datasheet HTML 2Page - JDS Uniphase Corporation 142H-532-200 Datasheet HTML 3Page - JDS Uniphase Corporation 142H-532-200 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
CW SINGLE FREQUENCY GREEN LASER
NPRO 142 Laser Head
(Specifications in inches [mm] unless otherwise noted.)
NPRO®
CLOSE
S E R I E S
1 4 2
8.00 [203.7]
2.00 [50.8]
0.56 [14.26]
1.00 [25.4]
7.61 [193.29]
7.75 [197.0]
TOP VIEW
SIDE VIEW
FRONT
1.29
[32.7]
1.55
[39.3]
2.26
[57.4]


Similar Part No. - 142H-532-200

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
142 HONEYWELL-142 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Vishay Siliconix
142 VISHAY-142 Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
logo
Coilcraft lnc.
142-01J08L COILCRAFT-142-01J08L Datasheet
128Kb / 2P
   10 mm Tunable Coils
142-01J08L COILCRAFT-142-01J08L Datasheet
233Kb / 2P
   10 mm Tunable Coils ??142, 143, 144
142-01J08SL COILCRAFT-142-01J08SL Datasheet
128Kb / 2P
   10 mm Tunable Coils
More results

Similar Description - 142H-532-200

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
125N-1319-100 JDSU-125N-1319-100 Datasheet
261Kb / 5P
   Continuous Wave (CW) Single-Frequency IR Laser
CY-SM20-M1 JDSU-CY-SM20-M1 Datasheet
231Kb / 5P
   Quasi-Continuous Wave (CW) UV Laser
logo
Analog Devices
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
logo
Eudyna Devices Inc
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
Analog Devices
ADN2830 AD-ADN2830 Datasheet
270Kb / 12P
   Continuous Wave Laser Average Power Controller
REV. A
ADN2830ACPZ32 AD-ADN2830ACPZ32 Datasheet
147Kb / 10P
   Continuous Wave Laser Average Power Controller
REV. B
logo
JDS Uniphase Corporatio...
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
L8933 HAMAMATSU-L8933 Datasheet
126Kb / 4P
   CW LASER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com