Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1006RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # B1006RW
Description  Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B1006RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B1006RW Datasheet HTML 1Page - MicroPower Direct, LLC B1006RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA) Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-
Load
No-
Load
B1001RW
12
9.0 - 18.0
917
30
50
3.3
2,400.0
120.0
72
3,000
B1002RW
12
9.0 - 18.0
1,082
30
50
5.0
2,000.0
100.0
77
3,000
B1003RW
12
9.0 - 18.0
1,038
30
50
12.0
830.0
42.0
80
3,000
B1004RW
12
9.0 - 18.0
1,047
30
50
15.0
670.0
34.0
80
3,000
B1005RW
12
9.0 - 18.0
1,027
30
50
24.0
416.0
21.0
81
3,000
B1006RW
12
9.0 - 18.0
1,068
30
50
±5.0
±1,000.0
±50.0
78
3,000
B1007RW
12
9.0 - 18.0
1,027
30
50
±12.0
±416.0
±21.0
81
3,000
B1008RW
12
9.0 - 18.0
1,041
30
50
±15.0
±333.0
±17.0
80
3,000
B1011RW
24
18.0 - 36.0
434
20
25
3.3
2,400.0
120.0
76
1,500
B1012RW
24
18.0 - 36.0
534
20
25
5.0
2,000.0
100.0
78
1,500
B1013RW
24
18.0 - 36.0
506
20
25
12.0
830.0
42.0
82
1,500
B1014RW
24
18.0 - 36.0
511
20
25
15.0
670.0
34.0
82
1,500
B1015RW
24
18.0 - 36.0
501
20
25
24.0
416.0
21.0
83
1,500
B1016RW
24
18.0 - 36.0
521
20
25
±5.0
±1,000.0
±50.0
80
1,500
B1017RW
24
18.0 - 36.0
507
20
25
±12.0
±416.0
±21.0
82
1,500
B1018RW
24
18.0 - 36.0
507
20
25
±15.0
±333.0
±17.0
82
1,500
B1021RW
48
36.0 - 75.0
217
10
12
3.3
2,400.0
120.0
76
750
B1022RW
48
36.0 - 75.0
260
10
12
5.0
2,000.0
100.0
80
750
B1023RW
48
36.0 - 75.0
253
10
12
12.0
830.0
42.0
82
750
B1024RW
48
36.0 - 75.0
252
10
12
15.0
670.0
34.0
83
750
B1025RW
48
36.0 - 75.0
251
10
12
24.0
416.0
21.0
83
750
B1026RW
48
36.0 - 75.0
257
10
12
±5.0
±1,000.0
±50.0
81
750
B1027RW
48
36.0 - 75.0
251
10
12
±12.0
±416.0
±21.0
83
750
B1028RW
48
36.0 - 75.0
251
10
12
±15.0
±333.0
±17.0
83
750
Model Selection Guide
Mechanical Dimensions
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Leads are gold plated for improved
solderability.
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
Pin Connections
Notes:
1. When measuring output ripple, it is recommended that an external 0.47
μF ceramic
capacitor be placed from the +Vout pin to the -Vout pin for single output units and from
each output to common for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of
75% to 100%.
3. Operation at no-load will not damage these units. However, they may not meet all speci-
fications.
4. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To
do this, connect the load across the positive (+Vout) and negative (-Vout) outputs and
float the output common.
5. The converter should be connected to a low ac-impedance source. An input source with a
highly inductive impedance may affect the stability of the converter. In applications where
the converter output loading is high and input power is supplied over long lines, it may be
necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
Ω at 100 kHz) capacitor be
mounted close to the converter. For 12V input units, a 15
μF is recommended; for 24V &
48V units a 4.7
μF.
6. It is recommended that a fuse be used on the input of a power supply for protection. See
the table above for the correct rating.
Single Output
(
μF Max)
470
Dual Output
(
μF Max)
±2,200
Capacitive
Load
Derating Curve


Similar Part No. - B1006RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1006RW MPD-B1006RW Datasheet
187Kb / 2P
   B1000RW SERIES
More results

Similar Description - B1006RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
   Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
B1000ERW MPD-B1000ERW Datasheet
200Kb / 2P
   Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1500RW MPD-B1500RW Datasheet
265Kb / 2P
   Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
B3000RW MPD-B3000RW Datasheet
270Kb / 2P
   Compact 1 x 2 Inch 30W Wide Input Range DC/DC Converters
MI1500RW MPD-MI1500RW Datasheet
591Kb / 5P
   Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
MI1000ERU MPD-MI1000ERU Datasheet
1,003Kb / 4P
   Wide 4:1 Input, 10W Miniature 1 x 1 DC/DC Converters
MR1011S MPD-MR1011S Datasheet
720Kb / 4P
   Ultra-Wide Input, 10W Compact, Railway DC/DC Converters
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
   Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
   Compact, 25W, 2:1 Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com