Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOM-0022LW10 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # MOM-0022LW10
Description  Miniature Opto-Mechanical Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MOM-0022LW10 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  MOM-0022LW10 Datasheet HTML 1Page - JDS Uniphase Corporation MOM-0022LW10 Datasheet HTML 2Page - JDS Uniphase Corporation MOM-0022LW10 Datasheet HTML 3Page - JDS Uniphase Corporation MOM-0022LW10 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
SMF-28 is a registered trademark of Corning Incorporated.
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2007 JDS Uniphase
Corporation. All rights reserved. 10115229 Rev. 009 04/07 MOMSWITCH.DS.CC.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: MOM-0012LW350
MINIATURE OPTO-MECHANICAL SWITCH
MOM-00
Code
Latching Type
LLatching
NNon-latching
Code
Port Configuration
11
1x1
12
1x2 (2x1)
22
2x2 (bypass)
Code
Wavelength
1
1525 to 1610 nm
4
1290 to 1330 nm
W
1290 to 1330 nm
and 1525 to 1610 nm
Code
Connector Type
0No connector
1FC/PC
3FC/APC
4
SC/PC
5
SC/APC
BLC/PC
C
MU
1. 250 µm buffer SMF-28 fiber is only available with the “no connector” option.
2. Tolerance on fiber length is ±0.1 m
Code
Fiber Length2
01.0 meter
51.5 meters
Code
Fiber Type
1
250 µm buffer SMF-28 1
3
900 µm buffer SMF-28
April 2007


Similar Part No. - MOM-0022LW10

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
MOM-11001FLF IRCTT-MOM-11001FLF Datasheet
476Kb / 1P
   METAL OXIDE MINI SERIES RESISTORS
MOM-11001JLF IRCTT-MOM-11001JLF Datasheet
476Kb / 1P
   METAL OXIDE MINI SERIES RESISTORS
More results

Similar Description - MOM-0022LW10

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
   Miniature Opto Array
logo
Omron Electronics LLC
EE-SX493 OMRON-EE-SX493 Datasheet
78Kb / 3P
   Opto-Switch
EE-X1041 OMRON-EE-X1041 Datasheet
195Kb / 2P
   Opto-Switch
logo
List of Unclassifed Man...
EE-SX1025 ETC-EE-SX1025 Datasheet
261Kb / 2P
   Opto - Switch
EE-SX1235A ETC-EE-SX1235A Datasheet
280Kb / 2P
   Opto-Switch
logo
Omron Electronics LLC
EE-X1088 OMRON-EE-X1088 Datasheet
275Kb / 2P
   Opto-Switch
SA105 OMRON-SA105 Datasheet
160Kb / 2P
   Opto-Switch
logo
Honeywell Accelerometer...
HOA1961-055 HONEYWELL-ACC-HOA1961-055 Datasheet
137Kb / 7P
   OPTO SCHMITT SWITCH
logo
Bedford Opto Technology...
HOA0825-01 BOT-HOA0825-01 Datasheet
34Kb / 2P
   TRANSMISSIVE OPTO SWITCH
logo
List of Unclassifed Man...
B3WN ETC-B3WN Datasheet
121Kb / 3P
   Mechanical Key Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com