Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5228BS Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMSZ5228BS
Description  Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMSZ5228BS Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMSZ5228BS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMSZ5228BS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMSZ5228BS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
l RoHS Compliant
l Planar Die Construction
l General Purpose Dissipation
l Ideally suited for Automated Assembly Process
l Case: SOD-323, Plastic
l Case material – UL Flammability Rating Classification 94V-0
l Moisture sensitivity: Level 1 per J-STD-020A
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: Cathode Band
l Weight: 0.005 grams (approx.)
Mech anical Dat a
Outline
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.95
1.75
C
1.
15
1.
35
D
-
0.95
E
0.
31 Typical
G
0.
15
-
H
0.11 Typical
J
-
0.10
All Dimensions in mm
Electrical Characteristic Curves @ TA=25
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
A
B
C
D
E
G
H
J
01-Jun-2002 Rev. A
Page 2 of 3
Fig.
1 ZENER VOLTAGE VERSUS ZENER CURRENT
Fig.
2 ZENER VOLTAGE VERSUS ZENER CURRENT
ZENER VOLTAGE, VOLTS
ZENER VOLTAGE, VOLTS
0
10
-5
10
-4
10
-3
10
-2
10
-1
2
4
68
10
12
2.4V
3.0V
4.7V
6.8V
10V
15V
10
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
15
20
25
30
35
40
45
30V
39V
20V


Similar Part No. - MMSZ5228BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5228BS PANJIT-MMSZ5228BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ5228BS LUGUANG-MMSZ5228BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5228BS DIODES-MMSZ5228BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Microdiode Electronics ...
MMSZ5228BS CHENDA-MMSZ5228BS Datasheet
375Kb / 4P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5228BS DIODES-MMSZ5228BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5228BS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com