Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC04NSR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC04NSR
Description  HEX INVERTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC04NSR Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC04NSR Datasheet HTML 1Page - Texas Instruments SN74HC04NSR Datasheet HTML 2Page - Texas Instruments SN74HC04NSR Datasheet HTML 3Page - Texas Instruments SN74HC04NSR Datasheet HTML 4Page - Texas Instruments SN74HC04NSR Datasheet HTML 5Page - Texas Instruments SN74HC04NSR Datasheet HTML 6Page - Texas Instruments SN74HC04NSR Datasheet HTML 7Page - Texas Instruments SN74HC04NSR Datasheet HTML 8Page - Texas Instruments SN74HC04NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-8409801VCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
5962-8409801VDA
ACTIVE
CFP
W
14
1
None
Call TI
Level-NC-NC-NC
84098012A
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
8409801CA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
8409801DA
ACTIVE
CFP
W
14
1
None
Call TI
Level-NC-NC-NC
JM38510/65701B2A
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
JM38510/65701BCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
JM38510/65701BDA
ACTIVE
CFP
W
14
1
None
Call TI
Level-NC-NC-NC
SN54HC04J
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
SN74HC04D
ACTIVE
SOIC
D
14
50
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74HC04DBR
ACTIVE
SSOP
DB
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74HC04DR
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC04DT
ACTIVE
SOIC
D
14
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74HC04N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74HC04N3
OBSOLETE
PDIP
N
14
None
Call TI
Call TI
SN74HC04NSR
ACTIVE
SO
NS
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74HC04PW
ACTIVE
TSSOP
PW
14
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
SN74HC04PWLE
OBSOLETE
TSSOP
PW
14
None
Call TI
Call TI
SN74HC04PWR
ACTIVE
TSSOP
PW
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
SN74HC04PWT
ACTIVE
TSSOP
PW
14
250
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
SNJ54HC04FK
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
SNJ54HC04J
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
SNJ54HC04W
ACTIVE
CFP
W
14
1
None
Call TI
Level-NC-NC-NC
SNV54HC04J
ACTIVE
CDIP
J
14
None
Call TI
Call TI
SNV54HC04W
ACTIVE
CFP
W
14
None
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
PACKAGE OPTION ADDENDUM
www.ti.com
8-Mar-2005
Addendum-Page 1


Similar Part No. - SN74HC04NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC04NSR TI1-SN74HC04NSR Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04NSR TI1-SN74HC04NSR Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
SN74HC04NSRG4 TI1-SN74HC04NSRG4 Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04NSRG4 TI1-SN74HC04NSRG4 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
More results

Similar Description - SN74HC04NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com