Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZ33 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # HZ33
Description  Silicon Planar Zener Diode for Stabilized Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

HZ33 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  HZ33 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH HZ33 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH HZ33 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH HZ33 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH HZ33 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
HZ xx Series
VOLTAGE 1.6 ~ 38 V, 500 mW
Silicon Planar Zener Diode
for Stabilized Power Supply
01-June-2003 Rev. B
Page 1 of 5
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low leakage, low zener impedance and
maximum power dissipation of 500 mW
are ideally suited for stabilized power supply, etc.
Wide spectrum from 1.6 V through 38 V of zener voltage
provides flexible application.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified)
TYPE NUMBER
SYMBOL
VALUES
UNITS
Power Dissipation
PD
500
mW
Storage temperature
TJ, TSTG
175, -55~175
ELECTRICAL RATINGS
(Rating 25°C ambient temperature unless otherwise specified)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)
*1
Test
Condition
IR (uA)
Test
Condition
RD (Ω)
Test
Condtion
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
A1
1.6
1.8
A2
1.7
1.9
A3
1.8
2.0
5
25
0.5
100
5
B1
1.9
2.1
B2
2.0
2.2
B3
2.1
2.3
C1
2.2
2.4
C2
2.3
2.5
HZ2
C3
2.4
2.6
5
5
0.5
100
5
A1
2.5
2.7
A2
2.6
2.8
A3
2.7
2.9
B1
2.8
3.0
B2
2.9
3.1
B3
3.0
3.2
C1
3.1
3.3
C2
3.2
3.4
HZ3
C3
3.3
3.5
5
5
0.5
100
5
Note: 1. Tested with DC.
Ø 0.52
Ø 2.0
DO-35
Dimensions in mm


Similar Part No. - HZ33

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ33 RENESAS-HZ33 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
logo
Hitachi Semiconductor
HZ33 HITACHI-HZ33 Datasheet
48Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter
logo
Renesas Technology Corp
HZ33 RENESAS-HZ33 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Galaxy Semi-Conductor H...
HZ33 BILIN-HZ33 Datasheet
174Kb / 3P
   ZENER DIODES
logo
Renesas Technology Corp
HZ33 RENESAS-HZ33 Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
More results

Similar Description - HZ33

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com