Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ223N31 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # SQ223N31
Description  Flexible Small Channel Count Switch Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SQ223N31 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  SQ223N31 Datasheet HTML 1Page - JDS Uniphase Corporation SQ223N31 Datasheet HTML 2Page - JDS Uniphase Corporation SQ223N31 Datasheet HTML 3Page - JDS Uniphase Corporation SQ223N31 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 21042187 Rev. 005 05/06 FSCCSM.DS.TM.AE
Ordering Information
FLEXIBLE SMALL CHANNEL COUNT SWITCH MODULE
NORTH AMERICA
TEL
: 1 866 228 3762
FAX
: +1 301 353 9216
Test & Measurement Regional Sales
LATIN AMERICA
TEL
: +55 11 5503 3800
FAX
: +55 11 5505 1598
ASIA PACIFIC
TEL
: +852 2892 0990
FAX
: +852 2892 0770
EMEA
TEL
: +49 7121 86 2222
FAX
: +49 7121 86 1222
WEBSITE
: www.jdsu.com
If the configurations available do not meet your performance
requirements, please contact our global sales and customer
service team to discuss the potential for specialized solutions.
Sample: SQ141N+137FFPL1.0
SQ
.
Code
Option
Y
Off position
N
Standard channel config.
Code
Pigtail Type
L
3.0 mm jacketed cable
E
900 µm tight buffer fiber
Code
Connector Type
FP
FC/PC
FA
FC/APC
SC
SC/PC
SU
SC/APC
NC
No connector
Code
Control Interface
3
2 x 12 side header
4
2 x 12 bottom header
Code
Fiber Type (µm)
7
9/125
1
50/125
2
62.5/125
Code
Wavelength (nm)
F
1270 to 1670
Q
850 to 1350 (MM only)
Code
Optical Configurations
13
1 x 3
14
1 x 4
15
1 x 5
16
1 x 6
17
1 x 7
18
1 x 8
D4
Duplex 1 x 2 (2 x 4 D config.)
D6
Duplex 1 x 3 (2 x 6 D config.)
D8
Duplex 1 x 4 (2 x 8 D config.)
22
Dual 1 x 2 (2 of 1 x 2)
Code
Test Configuration
1Forward
3
Bidirectional
Code
Pigtail Length
0.3
Minimum length
1.0
1.0 meter
1.5
1.5 meters (std)
3.0
3.0 meters
9.0
9.0 meters
+1


Similar Part No. - SQ223N31

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SQ221 POLYFET-SQ221 Datasheet
58Kb / 2P
   SILICON GATE ENHANCEMENT MODE
logo
Semicoa Semiconductor
SQ2222A SEMICOA-SQ2222A Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
SQ2222AF SEMICOA-SQ2222AF Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
More results

Similar Description - SQ223N31

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS-1XN OPLINK-OFMS-1XN Datasheet
278Kb / 2P
   Large Channel Count 1xN Switch Module
OFMS06400002315 OPLINK-OFMS06400002315 Datasheet
376Kb / 2P
   OFMS Series Large Channel Count 1xN Switch Subsystem
logo
Qorvo, Inc
QPB9319 QORVO-QPB9319 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9348 QORVO-QPB9348 Datasheet
1Mb / 13P
   Dual-Channel Switch LNA Module
June 27, 2019
logo
TriQuint Semiconductor
QPB9319 TRIQUINT-QPB9319 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
logo
Qorvo, Inc
QPB9329 QORVO-QPB9329 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9318 QORVO-QPB9318 Datasheet
4Mb / 14P
   Dual-Channel Switch LNA Module
August 10, 2017
logo
Zarlink Semiconductor I...
ZL50012 ZARLINK-ZL50012 Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
logo
PLX Technology
PEX8516 PLX-PEX8516 Datasheet
2Mb / 5P
   Flexible & Versatile PCI Express Switch
PEX8533 PLX-PEX8533 Datasheet
369Kb / 4P
   Flexible & Versatile PCI Express??Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com