Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A614ERU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A614ERU
Description  Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A614ERU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A614ERU Datasheet HTML 1Page - MicroPower Direct, LLC A614ERU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Derating Curve
Pin
Single
Dual
2, 3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22, 23
+Vin
+Vin
NC: No Connection
Pin Connections
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
A601ERU
24
9.0 - 36.0
278
20
10
3.3
1,500
150.0
75
1,500
A602ERU
24
9.0 - 36.0
312
20
10
5.0
1,200
120.0
80
1,500
A603ERU
24
9.0 - 36.0
304
20
10
12.0
500
50.0
82
1,500
A604ERU
24
9.0 - 36.0
304
20
10
15.0
400
40.0
82
1,500
A605ERU
24
9.0 - 36.0
301
20
10
24.0
250
25.0
83
1,500
A606ERU
24
9.0 - 36.0
312
20
10
±5.0
±600
±60.0
80
1,500
A607ERU
24
9.0 - 36.0
304
20
10
±12.0
±250
±25.0
82
1,500
A608ERU
24
9.0 - 36.0
298
20
10
±15.0
±200
±20.0
84
1,500
A609ERU
24
9.0 - 36.0
294
20
10
±24.0
±125
±13.0
85
1,500
A611ERU
48
18.0 - 72.0
137
10
10
3.3
1,500
150.0
76
750
A612ERU
48
18.0 - 72.0
156
10
10
5.0
1,200
120.0
80
750
A613ERU
48
18.0 - 72.0
152
10
10
12.0
500
50.0
82
750
A614ERU
48
18.0 - 72.0
147
10
10
15.0
400
40.0
85
750
A615ERU
48
18.0 - 72.0
145
10
10
24.0
250
25.0
86
750
A616ERU
48
18.0 - 72.0
156
10
10
±5.0
±600
±60.0
80
750
A617ERU
48
18.0 - 72.0
152
10
10
±12.0
±250
±25.0
82
750
A618ERU
48
18.0 - 72.0
149
10
10
±15.0
±200
±20.0
84
750
A619ERU
48
18.0 - 72.0
147
10
10
±24.0
±125
±13.0
85
750
Notes:
1. Exceeding the input range by a significant margin may damage the
units. For 24V input the input voltage should not exceed 40V; for 48V
models it should not exceed 80V.
2. Output accuracy for the negative output of dual output units is typically ±3% (±5% max.).
3. Output load regulation is specified for a load change of 10% to 100%. For 3.3V output units,
the load regulation is ±1.5% max.
4. When measuring output ripple, it is recommended that an external 0.33 µF ceramic capacitor
be placed from the +Vout pin to the -Vout pin for single output units and from each output to common
for dual output units.
5. These units should not be operated with a load under the specified minimum. Operation at
no-load will increase ripple significantly and may cause damage to the unit.
6. These converters are specified for operation without external components. However, in some
applications the addition of input/output capacitors will enhance stability and reduce output
ripple. Recommended capacitor values are:
Vin
Input
Capacitor
Vout
Output
Capacitor
24 VDC
100 µF
3.3 VDC
100 µF
48 VDC
100 µF
5 VDC
100 µF
12 VDC
100 µF
15 VDC
47 µF
24 VDC
47 µF
For applications requiring very low output noise levels, a simple LC filter
should be effective.
7. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - A614ERU

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
A614 ISC-A614 Datasheet
251Kb / 2P
   isc Silicon PNP Power Transistor
A614-Y ISC-A614-Y Datasheet
251Kb / 2P
   isc Silicon PNP Power Transistor
logo
AiT Semiconductor Inc.
A6140 AITSEMI-A6140 Datasheet
692Kb / 12P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 36V, 150mA, LOW POWER CONSUMPTION
REV2.0
A6140E3R-XX AITSEMI-A6140E3R-XX Datasheet
692Kb / 12P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 36V, 150mA, LOW POWER CONSUMPTION
REV2.0
A6140E3VR-XX AITSEMI-A6140E3VR-XX Datasheet
692Kb / 12P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 36V, 150mA, LOW POWER CONSUMPTION
REV2.0
More results

Similar Description - A614ERU

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW4000 MINMAX-MIW4000 Datasheet
224Kb / 8P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100 Datasheet
208Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW4100 MINMAX-MIW4100 Datasheet
221Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com