Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXP-01EMAC1 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # JXP-01EMAC1
Description  Multiprotocol XFP Optical Transceiver-1550 nm for up to 40 km Reach
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01EMAC1 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  JXP-01EMAC1 Datasheet HTML 1Page - JDS Uniphase Corporation JXP-01EMAC1 Datasheet HTML 2Page - JDS Uniphase Corporation JXP-01EMAC1 Datasheet HTML 3Page - JDS Uniphase Corporation JXP-01EMAC1 Datasheet HTML 4Page - JDS Uniphase Corporation JXP-01EMAC1 Datasheet HTML 5Page - JDS Uniphase Corporation JXP-01EMAC1 Datasheet HTML 6Page - JDS Uniphase Corporation JXP-01EMAC1 Datasheet HTML 7Page - JDS Uniphase Corporation JXP-01EMAC1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01EMAC1 Datasheet HTML 9Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
MUlTIPROTOCOl XFP OPTICAl TRANSCEIvER
—1550 NM FOR UP TO 40 KM REACH
low-speed Signaling
Low-speed signaling is based on low voltage TTL (LVTTL) operating at a nominal
voltage of 3.3 V.
SCL/SDA: Two-wire serial interface clock and data line. Hosts should use a pull-up
resistor connected to Vcc 3.3 V on the two-wire interface SCL (clock), SDA (data),
and all low speed outputs.
Mod_NR:Outputpin.Whenassertedhighindicatesthatthemodulehasdetecteda
condition that renders Tx and or Rx data invalid.
Mod_DeSel:Inputpin.Whenheldlowbythehostthemodulerespondstotwo-wire
serialcommunicationcommands.Whenhighthemoduledoesnotrespondtoor
acknowledge any two-wire interface communication from the host.
Interrupt:Outputpin.Whenlowindicatespossiblemoduleoperationalfaultora
status critical to the host system.
TX_DIS:Inputpin.Whenassertedhighthetransmitteroutputisturnedoff.
Mod_ABS: Output pin. Asserted high when the XFP module is absent and is pulled
low when the XFP module is inserted.
RX_LOS: Output pin. Asserted high when insufficient optical power for reliable sig-
nal reception is received.
P_Down/RST: Multifunction input pin. The module can be powered down or reset
by pulling the low-speed P-Down pin high. In power down mode no data is trans-
mitted on the optical Tx or the electrical Rx path. The reset pulse is generated on the
falling edge of the P-Down signal. Following reset, the internal PLL’s must reacquire
lock and will temporarily indicate a Mod_NR failure until the PLL’s reacquire lock.
Recommended MSA connections to the JDSU 10 Gbps 1550 nm multiprotocol
XFP optical transceiver are shown in Figure 2 on page 5.
Power supply filtering is recommended for the JDSU 10 Gbps 1550 nm multipro-
tocol XFP optical transceiver. To limit wide band noise power, the host system and
module shall each meet a maximum of 2 percent peak-to-peak noise when mea-
sured with a 1 MHz low pass filter. In addition, the host system and the module
shall each meet a maximum of 3 percent peak-to-peak noise when measured with
a filter from 1 MHz–10 MHz.
Section 2
Application Schematics


Similar Part No. - JXP-01EMAC1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JXP-01LEAB1 JDSU-JXP-01LEAB1 Datasheet
539Kb / 16P
   Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
JXP-01LGAB1 JDSU-JXP-01LGAB1 Datasheet
539Kb / 16P
   Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
JXP-01LMAB1 JDSU-JXP-01LMAB1 Datasheet
539Kb / 16P
   Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
JXP-01LMAC1 JDSU-JXP-01LMAC1 Datasheet
539Kb / 16P
   Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
JXP-01LWAA1 JDSU-JXP-01LWAA1 Datasheet
127Kb / 4P
   10GBASE-LR XFP Optical Transceiver
More results

Similar Description - JXP-01EMAC1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JXP-01LMAB1 JDSU-JXP-01LMAB1 Datasheet
539Kb / 16P
   Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
logo
Optoway Technology Inc
XPS-43100WG OPTOWAY-XPS-43100WG Datasheet
235Kb / 9P
   8.5Gb/s 1550 nm / 100 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
   8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
logo
List of Unclassifed Man...
QSFP28 ETC-QSFP28_V01 Datasheet
950Kb / 14P
   QSFP28 Optical Transceiver –100 Gigabit Ethernet for up to 10 km Reach
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2341MW-CXX0G OPTOWAY-XPS-2341MW-CXX0G Datasheet
240Kb / 9P
   10Gbps Multirate / 40 km / CWDM XFP Single-Mode Optical Transceiver
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
logo
Optoway Technology Inc
XPS-2340MWG OPTOWAY-XPS-2340MWG Datasheet
237Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2380MWG OPTOWAY-XPS-2380MWG Datasheet
234Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340MWG OPTOWAY-XPS-2340MWG_09 Datasheet
245Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com