Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSH-42L3AD3-5G Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # JSH-42L3AD3-5G
Description  LW 4x/2x/1x FC SFP with DDM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JSH-42L3AD3-5G Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  JSH-42L3AD3-5G Datasheet HTML 1Page - JDS Uniphase Corporation JSH-42L3AD3-5G Datasheet HTML 2Page - JDS Uniphase Corporation JSH-42L3AD3-5G Datasheet HTML 3Page - JDS Uniphase Corporation JSH-42L3AD3-5G Datasheet HTML 4Page - JDS Uniphase Corporation JSH-42L3AD3-5G Datasheet HTML 5Page - JDS Uniphase Corporation JSH-42L3AD3-5G Datasheet HTML 6Page - JDS Uniphase Corporation JSH-42L3AD3-5G Datasheet HTML 7Page - JDS Uniphase Corporation JSH-42L3AD3-5G Datasheet HTML 8Page - JDS Uniphase Corporation JSH-42L3AD3-5G Datasheet HTML 9Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
JSH-42L3AD3-5, JSH-42L3AD3-5G
JSH-42L3AD3-20
LW 4x/2x/1x FC SFP with DDM
JDSU Product Specification 21111542-001
Page 4 of 45
OCTOBER 2008
Block Diagram
Post-amp
LOS Detect
and
+Tx_DAT
+Rx_DAT
Optical
Input
Photoreceiver
Output
Laser
Fault
-Rx_DAT
Rx_LOS
-Tx_DAT
Laser
AC Modulation
Tx_Disable
Transmit Section
Receive Section
Optical
Electrical
Sense
DC Drive
and
Safety Control
MOD_DEF(1)
MOD_DEF(2)
MOD_DEF(0)
Tx_Fault
Back Facet
Feedback
μP
10b ADC
Vcc
Temp Indicator
Average RX
Power Monitor
Laser
Bias
Monitor
TX
Power
Monitor
Mux
Soft
DSBL
TX_FLT
as
Interrupt
Application_Select(0,1)


Similar Part No. - JSH-42L3AD3-5G

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSH-01LWAA1 JDSU-JSH-01LWAA1 Datasheet
671Kb / 22P
   10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
JSH-01LWAB1 JDSU-JSH-01LWAB1 Datasheet
671Kb / 22P
   10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
JSH-12L1DD1 JDSU-JSH-12L1DD1 Datasheet
283Kb / 12P
   RoHS-compliant 2.125, 1.25 and 1.063 Gbps, Single-mode 1310 nm eSFP Transceiver
JSH-85L3AA1-10 JDSU-JSH-85L3AA1-10 Datasheet
673Kb / 22P
   8.5 G Fibre Channel Compliant SFP 1310 nm Limiting Transceiver
JSH-85L3AB1-10 JDSU-JSH-85L3AB1-10 Datasheet
673Kb / 22P
   8.5 G Fibre Channel Compliant SFP 1310 nm Limiting Transceiver
More results

Similar Description - JSH-42L3AD3-5G

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
List of Unclassifed Man...
MI950 ETC2-MI950 Datasheet
769Kb / 1P
   4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
logo
Maxim Integrated Produc...
MAX5858 MAXIM-MAX5858 Datasheet
809Kb / 23P
   Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Rev 0; 7/03
MAX5856A MAXIM-MAX5856A Datasheet
781Kb / 23P
   Dual 8-Bit, 300Msps DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
MAX5858A MAXIM-MAX5858A Datasheet
909Kb / 25P
   Dual, 10-Bit, 300Msps, DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
logo
List of Unclassifed Man...
MB935 ETC2-MB935 Datasheet
588Kb / 1P
   4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
logo
NXP Semiconductors
ES-LPC435X NXP-ES-LPC435X Datasheet
70Kb / 11P
   Errata sheet LPC435x/3x/2x/1x
Rev. 2-20 October 2012
logo
Pulse A Technitrol Comp...
RAZ32011DM PULSE-RAZ32011DM Datasheet
1Mb / 19P
   GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com