Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSH-85L3AB1-10 Datasheet(PDF) 11 Page - JDS Uniphase Corporation

Part # JSH-85L3AB1-10
Description  8.5 G Fibre Channel Compliant SFP 1310 nm Limiting Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JSH-85L3AB1-10 Datasheet(HTML) 11 Page - JDS Uniphase Corporation

Back Button JSH-85L3AB1-10 Datasheet HTML 7Page - JDS Uniphase Corporation JSH-85L3AB1-10 Datasheet HTML 8Page - JDS Uniphase Corporation JSH-85L3AB1-10 Datasheet HTML 9Page - JDS Uniphase Corporation JSH-85L3AB1-10 Datasheet HTML 10Page - JDS Uniphase Corporation JSH-85L3AB1-10 Datasheet HTML 11Page - JDS Uniphase Corporation JSH-85L3AB1-10 Datasheet HTML 12Page - JDS Uniphase Corporation JSH-85L3AB1-10 Datasheet HTML 13Page - JDS Uniphase Corporation JSH-85L3AB1-10 Datasheet HTML 14Page - JDS Uniphase Corporation JSH-85L3AB1-10 Datasheet HTML 15Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
8.5 G FIBRE CHANNEL COMPLIANT SFP+
1310 NM LIMITING TRANSCEIvER
Data Rate Standard
Fiber Type
Distance Range (m)
Notes
8.5 GBd
SMF, OS1 or OS2
2 – 10,000
4
3.6
Link Length
Specification Notes
1.UI(unitinterval):oneUIisequaltoonebitperiod.Forexample,8.5Gbpscor-
respondstoaUIof117.65ps.
2. For LOSA and LOSD definitions, see Loss of Signal Assert/Deassert Level in Op-
tical Characteristics.
3.Transmitterdispersionpenalty(TDP)isdefinedbyIEEE802.3-2005Clause52
using a fiber with dispersion at the worst case for the specified length.
4. Distances, shown in the “Link Length” table, are calculated for worst-case fiber
and transceiver characteristics based on the optical and electrical specifications
showninthisdocumentusingtechniquesspecifiedinIEEE802.3.Thesedis-
tances are consistent with those specified for FC-PI-4.


Similar Part No. - JSH-85L3AB1-10

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSH-01LWAA1 JDSU-JSH-01LWAA1 Datasheet
671Kb / 22P
   10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
JSH-01LWAB1 JDSU-JSH-01LWAB1 Datasheet
671Kb / 22P
   10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
JSH-12L1DD1 JDSU-JSH-12L1DD1 Datasheet
283Kb / 12P
   RoHS-compliant 2.125, 1.25 and 1.063 Gbps, Single-mode 1310 nm eSFP Transceiver
JSH-42L3AD3-20 JDSU-JSH-42L3AD3-20 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
More results

Similar Description - JSH-85L3AB1-10

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PLRXPL-VC-SH4-21-N JDSU-PLRXPL-VC-SH4-21-N Datasheet
359Kb / 22P
   8.5 G SFP 850 nm Limiting Transceiver
PLRXPL-SC-S43-21-N JDSU-PLRXPL-SC-S43-21-N Datasheet
361Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
PLRXPL-SX-S43-22-N JDSU-PLRXPL-SX-S43-22-N Datasheet
565Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
logo
Optoway Technology Inc
SPS-4102G OPTOWAY-SPS-4102G Datasheet
171Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-4140G OPTOWAY-SPS-4140G Datasheet
170Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-4170G OPTOWAY-SPS-4170G Datasheet
170Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
logo
JDS Uniphase Corporatio...
JSH-01LWAA1 JDSU-JSH-01LWAA1 Datasheet
671Kb / 22P
   10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
logo
Broadcom Corporation.
AFBR-57D7APZ BOARDCOM-AFBR-57D7APZ Datasheet
470Kb / 19P
   Digital Diagnostic SFP, 850 nm, 8.5/4.25/2.125 GBd Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
logo
Optoway Technology Inc
SPS-4110WG OPTOWAY-SPS-4110WG Datasheet
202Kb / 6P
   3.3V / 1310 nm / 8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4140WG OPTOWAY-SPS-4140WG Datasheet
171Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com