Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZJ2.7 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # GLZJ2.7
Description  SURFACE MOUNT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GLZJ2.7 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  GLZJ2.7 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GLZJ2.7 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH GLZJ2.7 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Absolute Maximum Ratings
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Power Dissipation at Tamb=25
oC
Ptot
500*
mW
Junction Temperature
Tj
175
oC
Storage Temperature Range
Ts
-65 to +175
oC
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Cases:Mini Melf Molded Glass
Characteristic at Tamb=25
oC
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance
Junction to Ambient Air
Forward Voltage
at IF=100mA
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
SURFACE MOUNT ZENER DIODES
GLZJ-SERIES
RthA
-
-
0.3*
K/mW
VF
V
1
-
-
5
10
15
20
25
30
0
10
20
30
40
50
mA
Iz
V z
V
B re a kdown C ha ra cte ris tics
T e s t C urre nt
Iz =5mA
0
100
200
300
400
500
50
100 150 200 250
O
T a ( C )
A mbie nt Te mpe ra ture
C ha nge s in the powe r dis s ipa tion
due to the a mbie nt te mpe ra ture
G L Z J -S E R IE S
Items
Materials
Package
Mini MELF
Case
H
Packaging Dimensions (mm)
ermeticall sealed glass
L
Symbol
Min
Max
ead Finish
Solder Plating
A
B
C
3.302
1.397
0.350
3.505
1.499
0.500
A
B
C
Mechanical Data
Dimensions in mm
MINI MELF
01-Jun-2002 Rev. A
Page 3 of 3


Similar Part No. - GLZJ2.7

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GLZJ2.7 PANJIT-GLZJ2.7 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZJ2.7 FRONTIER-GLZJ2.7 Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
SeCoS Halbleitertechnol...
GLZJ2.7 SECOS-GLZJ2.7 Datasheet
220Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - GLZJ2.7

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com