Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFW-4CS12117 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFW-4CS12117
Description  Fused WDM, 1310/1550 nm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFW-4CS12117 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFW-4CS12117 Datasheet HTML 1Page - JDS Uniphase Corporation FFW-4CS12117 Datasheet HTML 2Page - JDS Uniphase Corporation FFW-4CS12117 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FUSED WDM, 1310/1550 NM
Specifications
Parameter
Grade 1
Grade 2
Operating wavelength range
1310 nm band
1290 to 1330 nm
1550 nm band
1530 to 1570 nm
Insertion loss
Maximum
0.4 dB
0.6 dB
Isolation
Minimum
16 dB
15 dB
Polarization dependent loss
Maximum
0.1 dB
0.15 dB
Optical return loss
Minimum
50 dB
Directivity
Minimum
60 dB
Operating temperature range
-40 to 85 °C
Storage temperature range
-50 to 85 °C
Package dimensions
S package (D x L)
3.0 x 54 mm
L package (D x L)
3.0 x 70 mm
H package (L x W x H)
85 x 17 x 7.0 mm


Similar Part No. - FFW-4CS12117

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
FFW-138G-176C LUGUANG-FFW-138G-176C Datasheet
139Kb / 1P
   Piezoceramics Buzzer
More results

Similar Description - FFW-4CS12117

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMG1315-S0027 OPLINK-MWDMG1315-S0027 Datasheet
287Kb / 2P
   Green 1310/1550 nm Micro-Optic WDM
HWDMG13150011H OPLINK-HWDMG13150011H Datasheet
280Kb / 2P
   Green High Isolation 1310/1550 nm Micro-Optic WDM
HWDMG-S0016 OPLINK-HWDMG-S0016 Datasheet
287Kb / 2P
   Green High Isolation 1310/1550 nm Micro-Optic WDM
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTX-S0034 OPLINK-MWDMGFTTX-S0034 Datasheet
152Kb / 2P
   Green FTTX 1310/1490/1550 WDM
MWDMG0050-S0026 OPLINK-MWDMG0050-S0026 Datasheet
283Kb / 2P
   Green 1550 nm Micro-Optic WDM
logo
Optoway Technology Inc
BTRS-9740G OPTOWAY-BTRS-9740G Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9720G OPTOWAY-BTRS-9720G Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9605G OPTOWAY-BTRS-9605G Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9705G OPTOWAY-BTRS-9705G Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com