Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER101G Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # HER101G
Description  1.0 AMP Glass Passivated High Efficiency Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

HER101G Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  HER101G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH HER101G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
HER101G THRU HER107G
VOLTAGE 50V ~ 1000V
1.0 AMP Glass Passivated High Efficiency Rectifier
RATING AND CHARACTERISTIC CURVES ( HER101G THRU HER107G )
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25 C
1.6
1.8
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
110
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
FIG.2-TYPICAL FORWARD CURRENT
0.2
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
DERATING CURVE
AMBIENT TEMPERATURE ( C)
0
0
25
50
75
100
125
150
175
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
HER101
G~HER
105G
HER106G
~HER107
G
01-Jun-2006 Rev. B
Page 2 of 2


Similar Part No. - HER101G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER101G JGD-HER101G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Micro Commercial Compon...
HER101G MCC-HER101G Datasheet
437Kb / 3P
   1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
logo
Chongqing Pingwei Enter...
HER101G CHONGQING-HER101G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
HER101G DACHANG-HER101G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Shanghai Lunsure Electr...
HER101G CHENYI-HER101G Datasheet
157Kb / 2P
   GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER101G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER101G JGD-HER101G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER101G UNIOHM-HER101G Datasheet
69Kb / 2P
   1.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
HER101G GWSEMI-HER101G Datasheet
70Kb / 2P
   1.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Jinan Gude Electronic D...
HA11G JGD-HA11G Datasheet
162Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Fairchild Semiconductor
EGF1A FAIRCHILD-EGF1A Datasheet
90Kb / 4P
   1.0 Ampere High Efficiency Glass Passivated Rectifier
logo
SeCoS Halbleitertechnol...
SCD5393 SECOS-SCD5393_15 Datasheet
470Kb / 2P
   1.0 AMP Glass Passivated Rectifier
SCDH103 SECOS-SCDH103_15 Datasheet
497Kb / 2P
   1.0 AMP Glass Passivated High Efficient Rectifier
logo
WILLAS ELECTRONIC CORP
GS1A WILLAS-GS1A Datasheet
492Kb / 2P
   1.0 AMP GLASS PASSIVATED SILICON RECTIFIER
logo
SeCoS Halbleitertechnol...
FR101 SECOS-FR101 Datasheet
142Kb / 2P
   1.0 AMP Glass Passivated Fast Rectifier
HER101 SECOS-HER101 Datasheet
748Kb / 2P
   1.0 AMP High Efficiency Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com