Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A312RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A312RW
Description  Wide Input Range, 3W Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A312RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A312RW Datasheet HTML 1Page - MicroPower Direct, LLC A312RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Leads are gold plated for improved
solderability.
Notes:
1. When measuring output ripple, it is recommended that an external 0.47
µF ceramic ca-
pacitor be placed from the +Vout pin to the -Vout pin for single output units and from
each output to common for dual output units. For noise sensitive applications, the use
of 3.3
µF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change of 75%
to 100%.
3. Operation at no-load will not damage these units. However, they may not meet all
specifications.
4. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To
do this, connect the load across the positive (+Vout) and negative (-Vout) outputs and
float the output common.
5. The converter should be connected to a low ac-impedance source. An input source with
a highly inductive impedance may affect the stability of the converter. In applications
where the converter output loading is high and input power is supplied over long lines,
it may be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0Ω at 100 kHz) capacitor be mounted
close to the converter. For 5V input units a 8.2
µF is recommended, for 12V input units,
a 3.3
µF; and for 24V & 48V units a 2.2 µF.
6. It is recommended that a fuse be used on the input of a power supply for protection.
See the table above for the correct rating.
Pin
Single
Dual
Pin
Single
Dual
2, 3
-Vin
-Vin
14
+Vout
+Vout
9
No Pin
Common
16
-Vout
Common
11
NC
-Vout
22, 23
+Vin
+Vin
NC: No Connection
Pin Connections
Single Output
Dual Output
4,000
µF Max
±1,000
µF Max
Capacitive Load
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
A301RW
5
4.5 - 9.0
566
40
100
3.3
600.0
60.0
70
1,500
A302RW
5
4.5 - 9.0
685
40
100
5.0
500.0
50.0
73
1,500
A303RW
5
4.5 - 9.0
779
40
100
12.0
250.0
25.0
77
1,500
A304RW
5
4.5 - 9.0
779
40
100
15.0
200.0
20.0
77
1,500
A305RW
5
4.5 - 9.0
694
40
100
±5.0
±250.0
±25.0
72
1,500
A306RW
5
4.5 - 9.0
800
40
100
±12.0
±125.0
±12.5
75
1,500
A307RW
5
4.5 - 9.0
800
40
100
±15.0
±100.0
±10.0
75
1,500
A311RW
12
9.0 - 18.0
223
20
30
3.3
600.0
60.0
74
700
A312RW
12
9.0 - 18.0
267
20
30
5.0
500.0
50.0
78
700
A313RW
12
9.0 - 18.0
305
20
30
12.0
250.0
25.0
82
700
A314RW
12
9.0 - 18.0
305
20
30
15.0
200.0
20.0
82
700
A315RW
12
9.0 - 18.0
271
20
30
±5.0
±250.0
±25.0
77
700
A316RW
12
9.0 - 18.0
313
20
30
±12.0
±125.0
±12.5
80
700
A317RW
12
9.0 - 18.0
313
20
30
±15.0
±100.0
±10.0
80
700
A321RW
24
18.0 - 36.0
109
5
15
3.3
600.0
60.0
76
350
A322RW
24
18.0 - 36.0
132
5
15
5.0
500.0
50.0
79
350
A323RW
24
18.0 - 36.0
149
5
15
12.0
250.0
25.0
84
350
A324RW
24
18.0 - 36.0
149
5
15
15.0
200.0
20.0
84
350
A325RW
24
18.0 - 36.0
132
5
15
±5.0
±250.0
±25.0
79
350
A326RW
24
18.0 - 36.0
152
5
15
±12.0
±125.0
±12.5
82
350
A327RW
24
18.0 - 36.0
152
5
15
±15.0
±100.0
±10.0
82
350
A331RW
48
36.0 - 75.0
55
3
10
3.3
600.0
60.0
76
135
A332RW
48
36.0 - 75.0
66
3
10
5.0
500.0
50.0
79
135
A333RW
48
36.0 - 75.0
75
3
10
12.0
250.0
25.0
84
135
A334RW
48
36.0 - 75.0
75
3
10
15.0
200.0
20.0
84
135
A335RW
48
36.0 - 75.0
65
3
10
±5.0
±250.0
±25.0
80
135
A336RW
48
36.0 - 75.0
75
3
10
±12.0
±125.0
±12.5
84
135
A337RW
48
36.0 - 75.0
75
3
10
±15.0
±100.0
±10.0
84
135
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Derating Curve


Similar Part No. - A312RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A312R MPD-A312R Datasheet
93Kb / 2P
   Compact, Regulated, 3W Single & Dual Output DC/DC Converters
A312RU MPD-A312RU Datasheet
187Kb / 2P
   Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
A312RUI MPD-A312RUI Datasheet
89Kb / 2P
   3W, Ultra-Wide Input High Isolation DC/DC Converters
More results

Similar Description - A312RW

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSIW2000 MINMAX-MSIW2000 Datasheet
195Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RU MPD-A300RU Datasheet
187Kb / 2P
   Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
logo
MPS Industries, Inc.
DDC1000 MPSIND-DDC1000 Datasheet
180Kb / 2P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com