Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ1002 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # GBJ1002
Description  10.0 AMP Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBJ1002 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  GBJ1002 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBJ1002 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
GBJ10005 ~ GBJ1010
VOLTAGE 50V ~ 1000V
10.0 AMP Glass Passivated Bridge Rectifiers
FEATURES
* Rating to 1000V PRV
* Ideal for printed circuit board
* Low forward voltage drop, high current capability
* Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
* The plastic material has UL flammability
classification 94V-0
Dimensions in inches and (millimeters)
01-Jun-2002 Rev. A
Page 1 of 2
GBJ
? .122(3.1)
? .134(3.4)
.031(0.8)
.023(0.6)
.098(2.5)
.114(2.9)
.189(4.8)
.173(4.4)
.134(3.4)
.150(3.8)
.386(9.8)
.402(10.2) .303(7.7)
.287(7.3).287(7.3)
.303(7.7) SPACING
.043(1.1)
.035(0.9)
.078(2.0)
.094(2.4)
.106(2.7)
.096(2.3)
1.169(29.7)
1.193(30.3)
+ ~ ~ _
C
o
C
o
C
o
C
o
C
o
C
o
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified
.
Single phase, half wave, 60Hz, resistive or inductive load,
For capacitive load, derate current by 20%.
C
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
10005
1001
1002
1004
1006
1008
1010
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
30
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=110  (without heatsink)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 5.0A DC
VF
V
Maximum DC Reverse Current
@ TJ=25 
at Rated DC Blocking Voltage
@ TJ=125 
I2t Rating for Fusing (t<8.3ms)
I2t
A2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
JC
 
/W
Operating Temperature Range
TJ
 
Storage Temperature Range
TSTG
 
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 150mm*150mm*1.6mm cu plate heatsink.
UNIT
SYMBOL
CHARACTERISTICS
-55 to +150
IFSM
120
55
1.4
500
uA
A
220
10.0
3.0
A
IR
1.1
I(AV)
-55 to +150
10.0
RoHS Compliant Product
A suffix of “-C” specifies halogen-free.


Similar Part No. - GBJ1002

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
GBJ1002 ASEMI-GBJ1002 Datasheet
129Kb / 2P
   10 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V
logo
Diodes Incorporated
GBJ1002 DIODES-GBJ1002 Datasheet
65Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS21218 Rev. D-2
logo
Micro Commercial Compon...
GBJ1002 MCC-GBJ1002 Datasheet
213Kb / 3P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
GBJ1002 SUNTAN-GBJ1002 Datasheet
261Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
GBJ1002 RFE-GBJ1002 Datasheet
1,021Kb / 3P
   Bridge Rectifiers
17-APR-2023
More results

Similar Description - GBJ1002

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S10KBJ20 SECOS-S10KBJ20_15 Datasheet
265Kb / 2P
   10.0 Amp Glass Passivited Bridge Rectifiers
S10JB80 SECOS-S10JB80 Datasheet
248Kb / 2P
   10.0 Amp Glass Passivited Bridge Rectifiers
S10JB80 SECOS-S10JB80_15 Datasheet
248Kb / 2P
   10.0 Amp Glass Passivited Bridge Rectifiers
S10KBJ20-C SECOS-S10KBJ20-C Datasheet
265Kb / 2P
   10.0 Amp Glass Passivited Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBU1001 TSC-GBU1001 Datasheet
49Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10P01G TSC-TS10P01G Datasheet
50Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_1 Datasheet
192Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10B01G TSC-TS10B01G Datasheet
109Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
GBJ10005 BYTESONIC-GBJ10005 Datasheet
547Kb / 2P
   SINGLE PHASE 10.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10B01G TSC-TS10B01G_10 Datasheet
132Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com