Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IBC-CW1M5141 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # IBC-CW1M5141
Description  50/100 GHz, 100/200 GHz Passive Interleavers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

IBC-CW1M5141 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  IBC-CW1M5141 Datasheet HTML 1Page - JDS Uniphase Corporation IBC-CW1M5141 Datasheet HTML 2Page - JDS Uniphase Corporation IBC-CW1M5141 Datasheet HTML 3Page - JDS Uniphase Corporation IBC-CW1M5141 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Package Drawing and Port
Designations
2
IBC SERIES
17.2mm
(Collimators)
H
L
W
Port 'x'
Port 'y'
Port 'z'
Channel Spacing
Device Type
Dimensions
Port Designations
LW
H
X
Y
Z
50/100 GHz
Mux/Demux
120.2 mm
25.2 mm
12.4 mm
Odd
Common
Even
100/200 GHz
Mux/Demux
84.2 mm
25.2 mm
12.4 mm
Even
Common
Odd
Notes:
1. See Table 1 below for channel designation of the even and odd ports. Detailed package drawings available on demand.
2. Excluding collimators and strain reliefs.
3. Excluding mounting holes. Please contact JDSU for detailed drawings.
Table 1: Channel Designation of Even and Odd Ports
Channel Spacing
C Band Even Port
C Band Odd Port
L Band Even Port
L Band Odd Port
/ITU Offset
Frequency
Frequency
Frequency
Frequency
50/100 GHz on ITU
192.000 to 196.000 THz
192.050 to 195.950 THz
186.800 to 191.000 THz
186.850 to 190.950 THz
50/100 GHz, 25 GHz offset
192.025 to 195.925 THz
192.075 to 195.975 THz
186.825 to 190.925 THz
186.875 to 190.975 THz
100/200 GHz on ITU
192.000 to 196.000 THz
192.100 to 195.900 THz
186.800 to 191.000 THz
186.900 to 190.900 THz
100/200 GHz, 50 GHz offset
192.050 to 195.850 THz
192.150 to 195.950 THz
186.850 to 190.850 THz
186.950 to 190.950 THz


Similar Part No. - IBC-CW1M5141

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IBC04-36S12 ARTESYN-IBC04-36S12 Datasheet
822Kb / 2P
   1/8th brick bus converter
IBC04-36S12J ARTESYN-IBC04-36S12J Datasheet
822Kb / 2P
   1/8th brick bus converter
IBC04-36S12SJ ARTESYN-IBC04-36S12SJ Datasheet
822Kb / 2P
   1/8th brick bus converter
logo
Emerson Network Power
IBC17AEN4812-AJ EMERSON-NETWORKPOWER-IBC17AEN4812-AJ Datasheet
654Kb / 3P
   2nd Generation IBC
IBC17AEN4812-AKJ EMERSON-NETWORKPOWER-IBC17AEN4812-AKJ Datasheet
654Kb / 3P
   2nd Generation IBC
More results

Similar Description - IBC-CW1M5141

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV96100F2 CREE-CGHV96100F2 Datasheet
1Mb / 13P
   100 W, 7.9 - 9.6 GHz, 50-ohm, Input
logo
WOLFSPEED, INC.
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
logo
Johanson Technology Inc...
2450FB15A0100 JOHANSON-2450FB15A0100 Datasheet
205Kb / 2P
   2.45 GHz Filter Balun 50:100廓 EIA 0805
logo
Cree, Inc
CGHV40100 CREE-CGHV40100 Datasheet
1Mb / 11P
   100 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
Finisar Corporation.
XPDV412XR FINISAR-XPDV412XR Datasheet
215Kb / 5P
   Ultra-Fast 100 GHz Photodetector
logo
JDS Uniphase Corporatio...
DWBW2F4S01 JDSU-DWBW2F4S01 Datasheet
132Kb / 3P
   Bandsplitters 100 GHz Channel Spacing
logo
Pasternack Enterprises,...
PE8237 PASTERNACK-PE8237 Datasheet
203Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8238 PASTERNACK-PE8238 Datasheet
229Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8239 PASTERNACK-PE8239 Datasheet
203Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
logo
Agilent(Hewlett-Packard...
85070E HP-85070E Datasheet
768Kb / 12P
   Dielectric Probe Kit 200 MHz to 50 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com