Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESVOA-CC8203 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # ESVOA-CC8203
Description  Electrostatic MEMS Variable Optical Attenuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

ESVOA-CC8203 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  ESVOA-CC8203 Datasheet HTML 1Page - JDS Uniphase Corporation ESVOA-CC8203 Datasheet HTML 2Page - JDS Uniphase Corporation ESVOA-CC8203 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
ELECTROSTATIC MEMS VARIABLE OPTICAL ATTENUATOR
Specifications
Parameter
Specification
Attenuation type
Open or closed
Operating wavelength range
C band
1525 to 1575 nm
L band
1570 to 1610 nm
Attenuation range
Minimum
30 dB
Insertion loss1
Maximum
0.7 dB
Tuning speed2
Maximum
2 ms
Optical power handling
300 mW
Wavelength dependence3
At insertion loss (IL)
Maximum
0.2 dB
At 20 dB
Maximum
±0.8 dB
Wavelength dependence ripple (0.4 nm)
At 20 dB
Maximum
0.2 dB
Polarization dependence loss
0 to 10 dB
Maximum
0.15 dB
10 to 20 dB
Maximum
0.3 dB
Return loss1
Minimum
45 dB
Drive voltage2, 4
Maximum
6.5 V or 18 V DC
Drive power2
Maximum
1.8 mW
Fiber type
9/125/250 or 9/125/900 SMF-28 or equivalent
Fiber marking
Input port
Red
Output port
Clear/White
Operating temperature
-5 to 75°C
1. Excluding connectors
2. For full dynamic range
3. Over C or L bands at 23±3°C relative to 1550 nm or 1590 nm
4. Other drive voltages available
(Specifications in mm unless otherwise noted.)
Dimensions Diagram
Ø
15.4
1.5
12.7
2.54
250 μm fiber
900 μm fiber
Ø
12.7
2.54
23.5
0.6


Similar Part No. - ESVOA-CC8203

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ESV-100-EF FESTO-ESV-100-EF Datasheet
79Kb / 1P
   Vacuum cup without connector
6/19/22
ESV-100-EN FESTO-ESV-100-EN Datasheet
75Kb / 1P
   Vacuum cup without connector
6/19/22
ESV-100-ES FESTO-ESV-100-ES Datasheet
73Kb / 1P
   Vacuum cup without connector
6/19/22
ESV-100-EU FESTO-ESV-100-EU Datasheet
86Kb / 1P
   Vacuum cup without connector
6/19/22
ESV-100-GT FESTO-ESV-100-GT Datasheet
73Kb / 1P
   Vacuum cup without connector
6/19/22
More results

Similar Description - ESVOA-CC8203

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UVOA OPLINK-UVOA Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
UVOA-S0175 OPLINK-UVOA-S0175 Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
logo
JDS Uniphase Corporatio...
MAT-0TDC210 JDSU-MAT-0TDC210 Datasheet
273Kb / 6P
   MEMS Variable Optical Attenuators
logo
OPLINK Communications I...
MVOA1310R0021H1 OPLINK-MVOA1310R0021H1 Datasheet
210Kb / 2P
   Mechanical Variable Optical Attenuator Reflection Type
MVOA1310T0031H1 OPLINK-MVOA1310T0031H1 Datasheet
228Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
MVOAT-S0025 OPLINK-MVOAT-S0025 Datasheet
202Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
logo
RFHIC
VA101 RFHIC-VA101 Datasheet
164Kb / 2P
   Variable Attenuator
VA101 RFHIC-VA101_14 Datasheet
133Kb / 4P
   Variable Attenuator
VA103 RFHIC-VA103 Datasheet
185Kb / 3P
   Variable attenuator
VA102 RFHIC-VA102 Datasheet
189Kb / 3P
   Variable attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com