Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD43Y37 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # SQD43Y37
Description  Flexible Small Channel Count Switch Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SQD43Y37 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  SQD43Y37 Datasheet HTML 1Page - JDS Uniphase Corporation SQD43Y37 Datasheet HTML 2Page - JDS Uniphase Corporation SQD43Y37 Datasheet HTML 3Page - JDS Uniphase Corporation SQD43Y37 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMMUNICATIONS TEST & MEASUREMENT
Key Features
• High optical performance
• High repeatability
• Latching or non-latching
• Field configurable default non-latch channel
• Wide choice of configurations
• Off position (optional)
• Status feedback
• Common package size for all configurations
The JDSU SQ series optical switch is a highly flexible module with high optical
performance in latching or non-latching applications. The full feature set and
large number of optical configurations available in a common package and
interface make it ideal for a wide spectrum of applications.
The switch connects one or two channels to one of several (up to eight) channels.
Both single-mode (SM) and multimode (MM) versions are available. This switch
is also available in multi-pack configurations, for example 2 x 4, 2 x 6, 2 x 8 D
configuration (Duplex 1 x 2, 1 x 3, 1 x 4).
While in operation, the switch connects optical channels by using prisms to
redirect the signal from an input port into a selected output port. Using
collimating optics minimizes the insertion loss (IL) and improves the
repeatability and stability of the optical parameters. The switches are optically
passive, and therefore, are transparent to signaling formats.
Configurations can be manufactured for bi-directional performance as a factory option.
Flexible Small Channel Count Switch Module
SQ Series
WEBSITE
: www.jdsu.com
Applications
• Incorporation into customized
switch assemblies for test and
measurement applications
• Network monitoring and testing
• Sensor switching
• Source/detection selection
• Research and development (R&D)
Safety Information
• Complies with GR-1073


Similar Part No. - SQD43Y37

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD40020E VISHAY-SQD40020E Datasheet
283Kb / 8P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 07-Jan-2019
SQD40020E VISHAY-SQD40020E Datasheet
283Kb / 8P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQD40020E VISHAY-SQD40020E Datasheet
282Kb / 8P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD40020EL VISHAY-SQD40020EL Datasheet
284Kb / 8P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 07-Jan-2019
SQD40020EL VISHAY-SQD40020EL Datasheet
284Kb / 8P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQD43Y37

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS-1XN OPLINK-OFMS-1XN Datasheet
278Kb / 2P
   Large Channel Count 1xN Switch Module
OFMS06400002315 OPLINK-OFMS06400002315 Datasheet
376Kb / 2P
   OFMS Series Large Channel Count 1xN Switch Subsystem
logo
Qorvo, Inc
QPB9319 QORVO-QPB9319 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9348 QORVO-QPB9348 Datasheet
1Mb / 13P
   Dual-Channel Switch LNA Module
June 27, 2019
logo
TriQuint Semiconductor
QPB9319 TRIQUINT-QPB9319 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
logo
Qorvo, Inc
QPB9329 QORVO-QPB9329 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9318 QORVO-QPB9318 Datasheet
4Mb / 14P
   Dual-Channel Switch LNA Module
August 10, 2017
logo
Zarlink Semiconductor I...
ZL50012 ZARLINK-ZL50012 Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
logo
PLX Technology
PEX8516 PLX-PEX8516 Datasheet
2Mb / 5P
   Flexible & Versatile PCI Express Switch
PEX8533 PLX-PEX8533 Datasheet
369Kb / 4P
   Flexible & Versatile PCI Express??Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com