Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFS-B57K3 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFS-B57K3
Description  Fused Coupler, Visible Light
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFS-B57K3 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFS-B57K3 Datasheet HTML 1Page - JDS Uniphase Corporation FFS-B57K3 Datasheet HTML 2Page - JDS Uniphase Corporation FFS-B57K3 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(Note: 1x2 couplers for blue wavelengths (i.e. <500 nm) are supplied as 2x2 with an
external termination on port P4. )
Configuration
2
FUSED COUPLER, VISIBLE LIGHT
Insertion Loss
Coupling Ratio1
Grade2
Available Housing Option
Available Wavelength(s) Coupling Ratio Tolerance Excess Loss3
10%
A
3, 4, 5, 6
90/10
±2%
0.3 dB
10%
B
3, 4, 5, 6
90/10
±3%
0.5 dB
20%
A
3, 4, 5, 6
80/20
±3%
0.3 dB
20%
B
3, 4, 5, 6
80/20
±4%
0.5 dB
30%
A
3, 4, 5, 6
70/30
±3%
0.3 dB
30%
B
3, 4, 5, 6
70/30
±4%
0.5 dB
40%
A
3, 4, 5, 6
60/40
±4%
0.3 dB
40%
B
3, 4, 5, 6
60/40
±5%
0.5 dB
50%
A
3, 4, 5, 6
50/50
±5%
0.3 dB
50%
B
3, 4, 5, 6
50/50
±6%
0.5 dB
1. Other coupling ratio are available. Please contact JDSU for specifications of coupling ratios not listed.
2. In 2x2 couplers performance is not specified for launch through second input port P4 (colored blue)
3. Includes fiber losses for up to 1 m pigtail length. Does not include connector losses.
1x2
2x2
P4 (Blue)
P1 (Red) COMMON (Input)
P2 (Blue) SIGNAL (Input)
P3 (Red) TAP (Output)
P1 (Red) COMMON (Input)
P2 (Blue) SIGNAL (Input)
P3 (Red) TAP (Output)
Housing Option
Housing Code
Description
1x2, 2x2 Dimensions (mm)
Pigtail
3
Regular
3.0 (Ø) x 55 (L)
Primary coated fiber
4
Ø 0.9 mm slim
3.0 (Ø) x 76 (L)
0.9 mm loose tube
5
Ø 0.9 mm semi-ruggedized
5.0 (Ø) x 85 (L)
Ø 0.9 mm loose-tube
5
Ø 3.0 mm fully-ruggedised
80 (L) x 10 (W) x 8 (H)
3.0 mm fan-out sleeving


Similar Part No. - FFS-B57K3

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFS-032A3 JDSU-FFS-032A3 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
FFS-032A4 JDSU-FFS-032A4 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
FFS-032A5 JDSU-FFS-032A5 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
FFS-032A6 JDSU-FFS-032A6 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
FFS-032C3 JDSU-FFS-032C3 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
More results

Similar Description - FFS-B57K3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
logo
Seme LAB
412101 SEME-LAB-412101 Datasheet
1Mb / 11P
   Visible Light Detector
logo
KODENSHI_AUK CORP.
KVS-3023 KODENSHI-KVS-3023 Datasheet
130Kb / 2P
   Visible Light Sensor
KOE1007 KODENSHI-KOE1007 Datasheet
163Kb / 3P
   Visible Light Sensor
KVS5032 KODENSHI-KVS5032 Datasheet
446Kb / 2P
   Visible Light Sensor
ST341R2 KODENSHI-ST341R2 Datasheet
146Kb / 2P
   Visible light cut
logo
JDS Uniphase Corporatio...
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com