Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFS-933H3 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # FFS-933H3
Description  Fused Coupler, Near Infrared
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFS-933H3 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  FFS-933H3 Datasheet HTML 1Page - JDS Uniphase Corporation FFS-933H3 Datasheet HTML 2Page - JDS Uniphase Corporation FFS-933H3 Datasheet HTML 3Page - JDS Uniphase Corporation FFS-933H3 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
3
Parameter
Grade A
Grade B
Operating wavelength range1
Any wavelength within the 700 to 1150 nm range
Excess loss
Typical
0.30 dB
0.50 dB
Return loss/Directivity
Minimum
50 dB
Pigtail tensile load
Maximum
5 N
Optical power handling
Maximum
4 W
Operating temperature range2
-40 to 75 °C
Storage temperature range
-40 to 85 °C
Fiber type
Speciality fiber
1. Any specific wavelength point from within the range 633 to 850 nm may be selected. For wavelengths outside of this range, contact JDSU with specific requirements.
2. For connectorised component, operating temperature range is -5 to 75 °C.
FUSED COUPLER, NEAR INFRARED
Housing Option
Housing Code
Description
1x2, 2x2 Dimensions (mm)
Pigtail
3
Regular
3.0 (Ø) x 50 (L)
Primary-coated fiber
4
Ø 0.9 mm slim
3.0 (Ø) x 60 (L)
Ø 0.9 mm loose-tube
5
Ø 0.9 mm semi-ruggedized
5.0 (Ø) x 75 (L)
Ø 0.9 mm loose-tube
6
Ø 3.0 mm fully ruggedized
80 (L) x 10 (W) x 8 (H)
Ø 3.0 mm fan-out sleeving


Similar Part No. - FFS-933H3

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFS-B32A3 JDSU-FFS-B32A3 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFS-B32A4 JDSU-FFS-B32A4 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFS-B32A5 JDSU-FFS-B32A5 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFS-B32A6 JDSU-FFS-B32A6 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFS-B32C3 JDSU-FFS-B32C3 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
More results

Similar Description - FFS-933H3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
   Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
   Near Infrared LED
logo
OPLINK Communications I...
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFS-R33A3 JDSU-FFS-R33A3 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
[Old version datasheet]   0.2 WVGA Near-Infrared DMD
DLP4500NIR TI1-DLP4500NIR_19 Datasheet
2Mb / 53P
[Old version datasheet]   .45 WXGA Near-Infrared DMD
logo
TT Electronics.
OPA80 TTELEC-OPA80 Datasheet
1Mb / 4P
   Near Infrared Light Ring Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com