Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFW-4CS21111 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # FFW-4CS21111
Description  Fused WDM, 1310/1550 nm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFW-4CS21111 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  FFW-4CS21111 Datasheet HTML 1Page - JDS Uniphase Corporation FFW-4CS21111 Datasheet HTML 2Page - JDS Uniphase Corporation FFW-4CS21111 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
SMF-28 is a registered trademark of Corning Incorporated.
LC and ST are registered trademarks of Lucent Technologies.
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
3
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: FFW-4CS111110
FUSED WDM, 1310/1550 NM
Code
Connectors
0NONE
1FC/PC
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
6BICONIC
7D4
8ST
9
FC/UPC
A
SC/UPC
BLC
CMU
Code
Housing
H
Ø 3.0 mm cable
L
Ø 900 µm fiber
S
Ø 250 µm fiber
Code
Configuration
11x2
22x2
Code
Passband
Wavelength 1
4
1310±20 nm
Code
Passband
Wavelength 2
C
1550±20 nm
FFW-
C
Code
Fiber Type
1
Corning SMF-28
Code
Pigtail Length
0
0.5 meter
11 meter
2
2 meters
3
3 meters
4
4 meters
5
5 meters
6
6 meters
7
7 meters
8
8 meters
9
9 meters
A
10 meters
4
Code
Grade
1Grade 1
2Grade 2
Code
Bandwidth
1
Standard WDM
1
1
Product specifications and descriptions in this document subject to change without notice. © 2007 JDS Uniphase Corporation 10136779 Rev. 002 10/05 FFW1310_1550.DS.CC.AE
March 2007


Similar Part No. - FFW-4CS21111

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
FFW-138G-176C LUGUANG-FFW-138G-176C Datasheet
139Kb / 1P
   Piezoceramics Buzzer
More results

Similar Description - FFW-4CS21111

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMG1315-S0027 OPLINK-MWDMG1315-S0027 Datasheet
287Kb / 2P
   Green 1310/1550 nm Micro-Optic WDM
HWDMG13150011H OPLINK-HWDMG13150011H Datasheet
280Kb / 2P
   Green High Isolation 1310/1550 nm Micro-Optic WDM
HWDMG-S0016 OPLINK-HWDMG-S0016 Datasheet
287Kb / 2P
   Green High Isolation 1310/1550 nm Micro-Optic WDM
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTX-S0034 OPLINK-MWDMGFTTX-S0034 Datasheet
152Kb / 2P
   Green FTTX 1310/1490/1550 WDM
MWDMG0050-S0026 OPLINK-MWDMG0050-S0026 Datasheet
283Kb / 2P
   Green 1550 nm Micro-Optic WDM
logo
Optoway Technology Inc
BTRS-9740G OPTOWAY-BTRS-9740G Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9720G OPTOWAY-BTRS-9720G Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9605G OPTOWAY-BTRS-9605G Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9705G OPTOWAY-BTRS-9705G Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com