Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFCR5ES0 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFCR5ES0
Description  Fused Coupler, Single Window, 980 nm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFCR5ES0 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFCR5ES0 Datasheet HTML 1Page - JDS Uniphase Corporation FFCR5ES0 Datasheet HTML 2Page - JDS Uniphase Corporation FFCR5ES0 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Insertion Loss
Coupling Ratio
Grade
Signal Path
Tap Path
Insertion Loss1,2 (Min./Max.)
TDL Max.
Insertion Loss1,2 (Min./Max.)
TDL Max.
(dB)
(dB)
(dB)
(dB)
1%
P
NA/0.15
0.02
18.4/21.5
0.20
1%
A
NA/0.20
0.02
15.0/22.0
0.20
5%
P
NA/0.40
0.08
11.3/14.8
0.15
5%
A
NA/0.50
0.08
11.0/15.2
0.15
10%
P
NA/0.65
0.08
9.00/11.5
0.13
10%
A
NA/0.75
0.08
8.50/11.8
0.13
20%
P
NA/1.40
0.10
5.60/8.40
0.10
20%
A
NA/1.50
0.10
5.40/8.60
0.10
30%
P
NA/2.00
0.10
4.10/6.40
0.10
30%
A
NA/2.20
0.10
4.00/6.50
0.10
40%
P
NA/2.60
0.10
3.20/4.70
0.10
40%
A
NA/2.80
0.10
3.10/4.80
0.10
50%
P
2.60/3.40
0.10
2.60/3.40
0.10
50%
A
2.50/3.60
0.10
2.50/3.60
0.10
1. Insertion loss over operating wavelength range (not including PDL or connector losses).
2. In 2x2 couplers with a coupling ratio of 20 percent or lower, insertion loss is not specified for launch through second input port (P4).
2
FUSED COUPLER, SINGLE WINDOW, 980 NM FFCR SERIES
Ф0.9
70
Ф3.56
2.0
Specifications in mm unless otherwise noted
Dimensions Diagrams
1x2 Models, L-Package
54
3.0
1x2 Models, S-Package


Similar Part No. - FFCR5ES0

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-31L JDSU-FFC-31L Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-31S JDSU-FFC-31S Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-32H JDSU-FFC-32H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-32L JDSU-FFC-32L Datasheet
172Kb / 4P
   Fused Coupler, Single Window
More results

Similar Description - FFCR5ES0

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
logo
OPLINK Communications I...
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFCH31H JDSU-FFCH31H Datasheet
214Kb / 3P
   Fused Coupler, Single Window, Low Loss,C or L Band
FFCK11H0 JDSU-FFCK11H0 Datasheet
216Kb / 3P
   Fused Coupler, Single Window, Low loss CL Band or S Band
logo
OPLINK Communications I...
WTIH1598S01 OPLINK-WTIH1598S01 Datasheet
221Kb / 2P
   980/1550 nm WDM/Tap Coupler/Isolator Hybrid Combination
SWFC5150P001111 OPLINK-SWFC5150P001111 Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler (980, 1310, S, C, L, and CL band)
WTIH1598-S0081 OPLINK-WTIH1598-S0081 Datasheet
208Kb / 2P
   980/1550(1585)nm WDM/Tap Coupler/Isolator Hybrid Combination
WTIH1598S012111 OPLINK-WTIH1598S012111 Datasheet
208Kb / 2P
   980/1550(1585)nm WDM/Tap Coupler/Isolator Hybrid Combination
logo
Sanyo Semicon Device
DL-LS6002 SANYO-DL-LS6002 Datasheet
20Kb / 1P
   980 nm LASER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com