Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ8J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # GBJ8J
Description  -8 .0 AMP Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBJ8J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  GBJ8J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBJ8J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
MOUNTEDONPCBOARD.
TA 0.5"(12.7mm) LEAD LENGTH
60HzRESISTIVEORINDUCTIVELOAD
TEMPERATURE C
O
ig. 1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 2- TYPICAL INSTANTANEOUS FORWAR D
CHARACTERISITCS PER ELEMENT
TJ=25OC
Pulse Width=300 S
1% DULY Cycle
PERCENT OF PEAK REVERSE VOLTAGE
ig. 3- TYPICAL REAK REVERSE CHARACTERISTICS
T =100 C
C
O
T=25 C
A
O
NO.OFCYCLESAT60Hz
Fig. 4- MAXIMUM NON-REPETITEVE PEAK
FORWARD SURGE CURRENT
T=105 C
A
O
REVERSE VOLTAGE, VOLTS
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
O
6.0
4.0
2.0
0
0
50
100
150
100
40
20
10
4.0
2.0
1.0
0.4
0.2
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
1
2
6
10
20
40
60
100
400
100
50
10
1
5
10
50
100
8.0
HEAT-SINK
MOUNTING,TC
(4 4 0.15) INCH
COPPER PLATE
200
160
120
80
40
0
Elektronische Bauelemente
GBJ8A THRU GBJ8M
VOLTAGE -50V~ 1000V
-8 .0 AMP Glass Passivated Bridge Rectifiers
01-Jun-2002 Rev. A
Page 2 of 2
RATING AND CHARACTERISTIC CURVES


Similar Part No. - GBJ8J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ8J PANJIT-GBJ8J Datasheet
120Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
First Silicon Co., Ltd
GBJ8J FS-GBJ8J Datasheet
202Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
logo
Won-Top Electronics
GBJ8J WTE-GBJ8J Datasheet
61Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBJ8J PANJIT-GBJ8J Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
GBJ8J GOOD-ARK-GBJ8J Datasheet
135Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBJ8J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ8005 SECOS-GBJ8005 Datasheet
175Kb / 1P
   -8 .0 AMP Glass Passivated Bridge Rectifiers
GBU8005 SECOS-GBU8005 Datasheet
216Kb / 2P
   8 .0 AMP Glass Passivated Bridge Rectifiers
GBU6005 SECOS-GBU6005 Datasheet
258Kb / 2P
   6 .0 AMP Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS202 BYTESONIC-ABS202 Datasheet
321Kb / 2P
   Single Phase 2 .0 AMP. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ4A SECOS-GBJ4A Datasheet
287Kb / 2P
   4.0 AMP Glass Passivated Bridge Rectifiers
GBJ25A SECOS-GBJ25A Datasheet
187Kb / 2P
   25.0 AMP Glass Passivated Bridge Rectifiers
GBPC50005 SECOS-GBPC50005 Datasheet
179Kb / 2P
   50 AMP Glass Passivated Bridge Rectifiers
GBJ6A SECOS-GBJ6A Datasheet
258Kb / 2P
   6.0 AMP Glass Passivated Bridge Rectifiers
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
GBJ15A SECOS-GBJ15A Datasheet
186Kb / 2P
   15.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com