Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ8J Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # GBJ8J
Description  -8 .0 AMP Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBJ8J Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  GBJ8J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBJ8J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
GBJ8A THRU GBJ8M
VOLTAGE -50V~ 1000V
-8 .0 AMP Glass Passivated Bridge Rectifiers
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rati
ng 25 C
o
ambient temperature unless otherwise specified
.
Resistive or inductive load, 60Hz,
For capacitive load, derate current by 20%.
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
8A
8B
8D
8G
8J
8K
8M
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
8.0
2.8
170
1.10
5.0
500
1200
55
1.8
TYPE NUMBER
SYMBOL
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward (with heatsink Note2)
Rectified Current @ TC=100 (without heatsink)
I(AV)
A
Peak Forward Surge Current, 8.3 ms single
half Sine-wave superimposed
on rated load (JEDEC method)
IFSM
A
Maximum Forward Voltage at 4.0A
VF
V
Maximum DC Reverse Current Ta=25
at Rated DC Blocking Voltage Ta=125
IR
µA
I2t Rating for fusing (t<8.3ms)
I2t
A2S
Typical Junction Capacitance
per element (Note1)
CJ
pF
Typical Thermal Resistance (Note 2)
JC
/ W
Operating Temperature Range
TJ
- 55 ~ + 150
Storage Temperature Range
TSTG
- 55 ~ + 150
C
o
C
o
C
o
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Device mounted on 75mm x 75mm x 1.6mm Cu Plate Heatsink.
ht t p:/ /www. SeCoSGmbH. com/
Any changing of specification will not be informed individual
2.5 ±0.2
2.2 ±0.2
1±0.1
10 ±0.2
7.5
±0.2
2.7 ±0.2
0.7 ±0.1
4.6 ±0.2
3.6 ±0.2
+
7.5
±0.2
30 ±0.3
Dimensions in millimeters
01-Jun-2002 Rev. A
Page 1 of 2
* Low Forward voltage Drop, High Current Capability
Ldeal For Printed Circuit Board
Reliable Low Cost Construction Utilizing Molded
Plastic Technique Results In Inexpensive Product
Plastic Material Has Underwrites Laboratory
Flammability Classification 94V-0
Rating To 1000V PRV
*
*
*
*
C
o
C
o
RoHS Compliant Product
A suffix of “-C” specifies halogen-free.


Similar Part No. - GBJ8J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ8J PANJIT-GBJ8J Datasheet
120Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
First Silicon Co., Ltd
GBJ8J FS-GBJ8J Datasheet
202Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
logo
Won-Top Electronics
GBJ8J WTE-GBJ8J Datasheet
61Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBJ8J PANJIT-GBJ8J Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
GBJ8J GOOD-ARK-GBJ8J Datasheet
135Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBJ8J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ8005 SECOS-GBJ8005 Datasheet
175Kb / 1P
   -8 .0 AMP Glass Passivated Bridge Rectifiers
GBU8005 SECOS-GBU8005 Datasheet
216Kb / 2P
   8 .0 AMP Glass Passivated Bridge Rectifiers
GBU6005 SECOS-GBU6005 Datasheet
258Kb / 2P
   6 .0 AMP Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS202 BYTESONIC-ABS202 Datasheet
321Kb / 2P
   Single Phase 2 .0 AMP. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ4A SECOS-GBJ4A Datasheet
287Kb / 2P
   4.0 AMP Glass Passivated Bridge Rectifiers
GBJ25A SECOS-GBJ25A Datasheet
187Kb / 2P
   25.0 AMP Glass Passivated Bridge Rectifiers
GBPC50005 SECOS-GBPC50005 Datasheet
179Kb / 2P
   50 AMP Glass Passivated Bridge Rectifiers
GBJ6A SECOS-GBJ6A Datasheet
258Kb / 2P
   6.0 AMP Glass Passivated Bridge Rectifiers
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
GBJ15A SECOS-GBJ15A Datasheet
186Kb / 2P
   15.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com