Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A317ERU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A317ERU
Description  Low Cost, 4:1 Input 3W Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A317ERU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A317ERU Datasheet HTML 1Page - MicroPower Direct, LLC A317ERU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Derating Curve
Pin
Single
Dual
2, 3
-Vin
-Vin
9
NC
Common
10
NC
NC
11
NC
-Vout
14
+Vout
+Vout
15
NC
NC
16
-Vout
Common
22, 23
+Vin
+Vin
NC: No Connection
Pin Connections
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
A301ERU
24
9.0 - 36.0
169
16
10
3.3
909
90.0
74
750
A302ERU
24
9.0 - 36.0
164
16
10
5.0
600
60.0
76
750
A303ERU
24
9.0 - 36.0
157
16
10
12.0
250
25.0
80
750
A304ERU
24
9.0 - 36.0
157
16
10
15.0
200
20.0
80
750
A305ERU
24
9.0 - 36.0
164
16
10
±5.0
±300
±30.0
76
750
A306ERU
24
9.0 - 36.0
157
16
10
±12.0
±125
±12.0
80
750
A307ERU
24
9.0 - 36.0
157
16
10
±15.0
±100
±10.0
80
750
A311ERU
48
18.0 - 72.0
84
8
10
3.3
909
90.0
74
500
A312ERU
48
18.0 - 72.0
80
8
10
5.0
600
60.0
78
500
A313ERU
48
18.0 - 72.0
78
8
10
12.0
250
25.0
80
500
A314ERU
48
18.0 - 72.0
78
8
10
15.0
200
20.0
80
500
A315ERU
48
18.0 - 72.0
82
8
10
±5.0
±300
±30.0
76
500
A316ERU
48
18.0 - 72.0
78
8
10
±12.0
±125
±12.0
80
500
A317ERU
48
18.0 - 72.0
78
8
10
±15.0
±100
±10.0
80
500
Notes:
1. Exceeding the input range by a significant margin may damage the units. For 24V input the input voltage
should not exceed 40V; for 48V models it should not exceed 80V.
2. Voltage accuracy for the negative output on Dual output models is typically ±3% with a max of ±5%.
3. Maximum ouput noise for dual output units is 150 mV P-P. When measuring output ripple, it is recom-
mended that an external 0.33 µF ceramic capacitor be placed from the +Vout pin to the -Vout pin for single
output units and from each output to common for dual output units.
4. The optional metal package is nickel plated steel. The dimensions of the metal package are 1.25 x 0.80 x 0.39
Inches (31.8 x 20.3 x 10.0 mm).
5. These units should not be operated with a load under the specified minimum. Operation at no-load will
increase ripple significantly and may cause damage to the unit.
6. These converters are specified for operation without external components. However, in some applications
the addition of input/output capacitors will enhance stability and reduce output ripple. Recommended
capacitor values are:
Vin: 10 µF - 47 µF
Vout: 10 µF/100 mA
For applications requiring very low output noise levels, a simple LC filter
should be effective.
7. The maximum load capacitance is:
Vout
Maximum
Load
Capacitance
Vout
Maximum
Load
Capacitance
3.3 VDC
2,200 µF
±5 VDC
2,200 µF
5 VDC
1,000 µF
±12 VDC
1,000 µF
12 VDC
470 µF
±15 VDC
470 µF
15 VDC
330 µF
8. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
For models with a metal case, add an
“M” to the model number (ie: A315ERUM)


Similar Part No. - A317ERU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A317ERU MPD-A317ERU Datasheet
234Kb / 2P
   A300ERU SERIES
More results

Similar Description - A317ERU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A300ERW MPD-A300ERW Datasheet
184Kb / 2P
   Low Cost, Wide Input, 3W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NCS3 MURATA-PS-NCS3 Datasheet
252Kb / 10P
   Isolated 3W 4:1 Input Single Output DC/DC Converters
logo
MicroPower Direct, LLC
ML300ERW MPD-ML300ERW Datasheet
897Kb / 4P
   Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
D300RW MPD-D300RW Datasheet
191Kb / 2P
   Single & Dual Output 3W SIP, Wide Input DC/DC Converters
LF300RW MPD-LF300RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com