Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTL16612 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTL16612
Description  18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL16612 Datasheet(HTML) 5 Page - Texas Instruments

  SN74GTL16612 Datasheet HTML 1Page - Texas Instruments SN74GTL16612 Datasheet HTML 2Page - Texas Instruments SN74GTL16612 Datasheet HTML 3Page - Texas Instruments SN74GTL16612 Datasheet HTML 4Page - Texas Instruments SN74GTL16612 Datasheet HTML 5Page - Texas Instruments SN74GTL16612 Datasheet HTML 6Page - Texas Instruments SN74GTL16612 Datasheet HTML 7Page - Texas Instruments SN74GTL16612 Datasheet HTML 8Page - Texas Instruments SN74GTL16612 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
Electrical Characteristics
SN54GTL16612, SN74GTL16612
18-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS
SCBS480K – JUNE 1994 – REVISED JULY 2005
over recommended operating free-air temperature range (unless otherwise noted)
SN54GTL16612
SN74GTL16612
PARAMETER
TEST CONDITIONS
UNIT
MIN TYP(1)
MAX
MIN TYP(1)
MAX
VCC (3.3 V) = 3.15 V,
VIK
II = –18 mA
–1.2
–1.2
V
VCC (5 V) = 4.75 V
VCC (3.3 V) = 3.15 V to
VCC (3.3 V)
VCC (3.3 V)
3.45 V,
IOH = –100 µA
– 0.2
– 0.2
VCC (5 V) = 4.75 V to 5.25 V
VOH
A port
V
IOH = –8 mA
2.4
2.4
VCC (3.3 V) = 3.15 V,
VCC (5 V) = 4.75 V
IOH = –32 mA
2
2
IOL = 100 µA
0.2
0.2
IOL = 16 mA
0.4
0.4
VCC (3.3 V) = 3.15 V,
A port
VCC (5 V) = 4.75 V
IOL = 32 mA
0.5
0.5
VOL
V
IOL = 64 mA
0.6
0.55
VCC (3.3 V) = 3.15 V, VCC (5 V) = 4.75 V,
B port
0.5
0.4
IOL = 40 mA
Control
VCC (3.3 V) = 0 or 3.45 V,
VI = 5.5 V
10
10
inputs
VCC (5 V) = 0 or 5.25 V
VI = 5.5 V
1000
20
VCC (3.3 V) = 3.45 V,
A port
VI = VCC (3.3 V)
1
1
II
µA
VCC (5 V) = 5.25 V
VI = 0
–30
–30
VI = VCC (3.3 V)
5
5
VCC (3.3 V) = 3.45 V,
B port
VCC (5 V) = 5.25 V
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
1000
100
µA
VI = 0.8 V
75
75
VCC (3.3 V) = 3.15 V,
VI = 2 V
–75
–75
II(hold)
A port
µA
VCC (5 V) = 4.75 V
VI = 0 to VCC
±500
±500
(3.3 V)(2)
A port
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V, VO = 3 V
1
1
IOZH
µA
B port
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V, VO = 1.2 V
10
10
A port
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V, VO = 0.5 V
–1
–1
IOZL
µA
B port
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V, VO = 0.4 V
–10
–10
Outputs high
1
1
VCC (3.3 V) = 3.45 V,
ICC
A or B
VCC (5 V) = 5.25 V, IO = 0,
Outputs low
5
5
mA
(3.3 V) port
VI = VCC (3.3 V) or GND
Outputs disabled
1
1
Outputs high
120
120
VCC (3.3 V) = 3.45 V,
ICC
A or B
VCC (5 V) = 5.25 V, IO = 0,
Outputs low
120
120
mA
(5 V)
port
VI = VCC (3.3 V) or GND
Outputs disabled
120
120
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V,
∆I
CC
(3)
A-port or control inputs at VCC (3.3 V) or GND,
1
1
mA
One input at 2.7 V
Control
Ci
VI = 3.15 V or 0
3.5
12
3.5
pF
inputs
A port
12
18
12
Cio
VO = 3.15 V or 0
pF
B port
10
5
(1)
All typical values are at VCC (3.3 V) = 3.3 V, VCC (5 V) = 5 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(3)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
5


Similar Part No. - SN74GTL16612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL16612A TI-SN74GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADGG TI-SN74GTL16612ADGG Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADGGR TI-SN74GTL16612ADGGR Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADL TI-SN74GTL16612ADL Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADLR TI-SN74GTL16612ADLR Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN74GTL16612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com