Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123YE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # DTC123YE
Description  NPN Digital Transistors (Built-in Resistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTC123YE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  DTC123YE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTC123YE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-Jun-2002 Rev. A
Page 2 of 2
Elektronische Bauelemente
DTC1
23YE/DTC123YUA/DTC123YKA
DTC1
23YCA/TC123YSA
NP
N Digital Transistors (Built-in Resistors)
Absolute maximum ratings(Ta=25
℃)
Limits (DTC123Y□
)
Parameter
Symbol
E
UA
KA
CA
SA
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-5~12
V
IO
100
Output current
IC(MAX)
100
mA
Power dissipation
Pd
150
200
300
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55~150
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
0.3
VCC=5V, IO=100µA
Input voltage
VI(on)
3
V
VO=0.3V, IO=20mA
Output voltage
VO(on)
0.1
0.3
V
IO/II=10mA/0.5mA
Input current
II
3.8
mA
VI=5V
Output current
IO(off)
0.5
µA
VCC=50V, VI=0
DC current gain
GI
33
VO=5V, IO=10mA
Input resistance
R1
1.54
2.2
2.86
K
-
Resistance ratio
R2/R1
3.6
4.5
5.5
-
Transition frequency
fT
250
MHz
VO=10V, IO=5mA, f=100MHz
Typical Characteristics
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua


Similar Part No. - DTC123YE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123YE ROHM-DTC123YE Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC123YE JIANGSU-DTC123YE Datasheet
129Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTC123YE ROHM-DTC123YE Datasheet
145Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC123YE SECOS-DTC123YE Datasheet
139Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Taiwan Semiconductor Co...
DTC123YE TSC-DTC123YE Datasheet
764Kb / 5P
   NPN Small Signal Transistor
More results

Similar Description - DTC123YE

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTC143ZN3 CYSTEKEC-DTC143ZN3_10 Datasheet
256Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
   NPN Digital Transistors(Built-in Resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com