Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM-1F2721012 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # ADM-1F2721012
Description  Filter Add/Drop Module 100 GHz Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

ADM-1F2721012 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  ADM-1F2721012 Datasheet HTML 1Page - JDS Uniphase Corporation ADM-1F2721012 Datasheet HTML 2Page - JDS Uniphase Corporation ADM-1F2721012 Datasheet HTML 3Page - JDS Uniphase Corporation ADM-1F2721012 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10139959 Rev. 002 03/06 FADM100.DS.CMS.AE
FILTER ADD/DROP MODULE 100 GHZ SPACING
ADM-1F
Sample: ADM-1F2721014
101
Channel Frequency Code
Povided by JDSU upon customer confirmation
Code
Connector Type1
0None
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
6
LC/UPC
7
LC/APC
1. Other connectors available upon request.
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.


Similar Part No. - ADM-1F2721012

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
ADM-0012-5931SM MARKIMICROWAVE-ADM-0012-5931SM Datasheet
755Kb / 14P
   BROADBAND DISTRIBUTED AMPLIFIER
ADM-0012-5931SM MARKIMICROWAVE-ADM-0012-5931SM Datasheet
842Kb / 9P
   BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5929SM MARKIMICROWAVE-ADM-0026-5929SM Datasheet
678Kb / 10P
   BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5929SM MARKIMICROWAVE-ADM-0026-5929SM Datasheet
827Kb / 8P
   BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5931SM MARKIMICROWAVE-ADM-0026-5931SM Datasheet
842Kb / 9P
   BROADBAND DISTRIBUTED AMPLIFIER
More results

Similar Description - ADM-1F2721012

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
ADM-2F2721010 JDSU-ADM-2F2721010 Datasheet
94Kb / 4P
   Filter Add/Drop Module 200 GHz Spacing
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
JDS Uniphase Corporatio...
MDX-02ADCB1AA JDSU-MDX-02ADCB1AA Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com