Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C18 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BZX84C18
Description  Surface Mount Zener Voltage Regulator Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZX84C18 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BZX84C18 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZX84C18 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZX84C18 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BZX84C18 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any changing of specification will not be informed individual
BZX84CXXX
350mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,*
TA = 25°C
Derate above 25
°C
PD
350
1.8
mW
mW/
°C
Thermal Resistance Junction to Ambient
R
θJA
556
°C/W
Total Device Dissipation
Alumina Substrate,** TA = 25°C
Derate above 25
°C
PD
350
2.4
mW
mW/
°C
Thermal Resistance Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temeprature
TJ, Tstg
150
°C
1. FR–5 = 1.0 X 0.75 X 0.062 in. 2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
1
2
3
3
Cathode
1
Anode
FEATURES
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: See Diagrams
Weight: 0.008 grams (approx.)
Marking : Marking Code (See Table On Page 2)
MECHANICAL DATA
Planar Die Construction
350mW Power Dissipation on FR-5 PCB
General Purpose, Medium Current
Ideally Suited for Automated Assembly Process
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 4
01-Jun-2002 Rev. A
Page 1 of 4
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BZX84C18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C18 VISHAY-BZX84C18 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
TAITRON Components Inco...
BZX84C18 TAITRON-BZX84C18 Datasheet
195Kb / 1P
   SMD Zener
logo
Diotec Semiconductor
BZX84C18 DIOTEC-BZX84C18 Datasheet
126Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Central Semiconductor C...
BZX84C18 CENTRAL-BZX84C18 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
First Silicon Co., Ltd
BZX84C18 FS-BZX84C18 Datasheet
539Kb / 4P
   ZENER DIODE Planar Die Construction
More results

Similar Description - BZX84C18

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
UDZS2V4B SECOS-UDZS2V4B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECOS-BZX84CXXXW_15 Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
MMBZ52 SECOS-MMBZ52_15 Datasheet
84Kb / 5P
   Surface Mount Zener Voltage Regulator Diodes
UDZSXXXB SECOS-UDZSXXXB_15 Datasheet
342Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com