Electronic Components Datasheet Search |
|
EPM650-250 Datasheet(PDF) 8 Page - JDS Uniphase Corporation |
|
EPM650-250 Datasheet(HTML) 8 Page - JDS Uniphase Corporation |
8 / 8 page NORTH AMERICA : 800 498-JDSU (5378) WEBSITE : www.jdsu.com WORLDWIDE : +800 5378-JDSU All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase Corporation. All rights reserved. 10143020 Rev. 004 03/06 EPM6XX.DS.CC.AE Ordering Information For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com. Sample: EPM 606LL-250 C-BAND, L-BAND, PASS BAND LOW LEAKAGE PIN PHOTODIODES Precautions for Use Electrostatic discharge protection is imperative. Use of grounding straps, anti-static mats, and other standard ESD protective equipment is required when handling or testing an InGaAs PIN or any other junction photodiode. The flexible 250 µm fiber coating can be mechanically stripped and provides protection for the optical fiber, under normal handling characteristics. Soldering temperature of the leads should not exceed 260 °C for more than 10 seconds. Fiber pigtails should be handled with less than 10 N pull and with a bending radius greater than 1 inch. Code Bracket No bracket W/DM BKT With dual mount bracket Code Buffer -250 250 µm buffer 900 µm buffer Code Connector No connector FC/APC FC/APC connector FC/SPC FC/SPC connector SC/SPC SC/SPC connector Code Model 05 Low back reflection, C-band PIN photodiode 05LL Low back reflection, low leakage, C-band PIN photodiode 06 Low back reflection, L-band PIN photodiode 06LL Low back reflection, low leakage, L-band PIN photodiode 13 Low back reflection, Pass-band PIN photodiode 50 General purpose, high responsivity PIN photodiode 35 SFF package with 300 µm detection window 35-75 SFF package with 75 µm detection window EPM 6 + ++ + |
Similar Part No. - EPM650-250 |
|
Similar Description - EPM650-250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |