Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C3V9 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # BZX84C3V9
Description  Surface Mount Zener Voltage Regulator Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZX84C3V9 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  BZX84C3V9 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZX84C3V9 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZX84C3V9 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BZX84C3V9 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Any changing of specification will not be informed individual
BZX84CXXX
350mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
90
VZ, Nominal Zener Voltage (V)
Figure 5. Typical Leakage Current
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150
°C
+25
°C
–55
°C
TYPICAL CHARACTERISTICS
GENERAL DATA — 350 mW SOT-23
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 4 of 4


Similar Part No. - BZX84C3V9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C3V9 VISHAY-BZX84C3V9 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C3V9 BWTECH-BZX84C3V9 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
Guilin Strong Micro-Ele...
BZX84C3V9 GSME-BZX84C3V9 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Central Semiconductor C...
BZX84C3V9 CENTRAL-BZX84C3V9 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
DONGGUAN YOU FENG WEI E...
BZX84C3V9 YFWDIODE-BZX84C3V9 Datasheet
900Kb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - BZX84C3V9

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
UDZS2V4B SECOS-UDZS2V4B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECOS-BZX84CXXXW_15 Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
MMBZ52 SECOS-MMBZ52_15 Datasheet
84Kb / 5P
   Surface Mount Zener Voltage Regulator Diodes
UDZSXXXB SECOS-UDZSXXXB_15 Datasheet
342Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com