Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPSH-3A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # CMPSH-3A
Description  Surface Mount Schottky Barrier Rectifiers Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

CMPSH-3A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  CMPSH-3A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH CMPSH-3A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
CMPSH-3/ -3A/ -3C/ -3S
VOLTAGE 30V
Surface Mount Schottky Barrier Rectifiers Array
FEATURES
. Low forward voltage
. Fast switching
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. A
Page 1 of 2
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
D
Top View
1
2
3
K
J
C
H
L
A
B S
G
V
3
1
2
CMPSH-3
Marking: D95
CMPSH-3A
Marking: DB1
CMPSH-3C
Marking: DB2
CMPSH-3S
Marking: DA5
MAXIMUM RATINGS @ T
A = 25 °C
Parameter
Symbol
Limits
Unit
Peak Repetitive Peak Reverse Voltage
Working peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current
IFM
100
mA
Power Dissipation
PD
350
mW
Thermal Resistance
RθJA
357
°C/W
Junction and Storage Temperature
TJ, TSTG
150, -55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Max
Unit
Reverse Breakdown Voltage
V(BR)
IR = 100
30
V
Reverse Voltage Leakage Current
IR
VR = 25 V, TA = 25 C
C
o
o
VR = 25 V, TA = 100
100
500
nA
Forward Voltage
VF
IF = 2 mA
IF = 15 mA
IF = 100 mA
0.33
0.45
1
V
Diode Capacitance
Cτοτ
VR = 1V, f = 1MHz
7
pF
Junction and Storage Temperature
tff,
IF = IR = 10mA
IRR = 1mA, RL=100Ω
5
Ns
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - CMPSH-3A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPSH-3A CENTRAL-CMPSH-3A Datasheet
79Kb / 2P
   SCHOTTKY DIODES
logo
Rectron Semiconductor
CMPSH-3A RECTRON-CMPSH-3A Datasheet
296Kb / 2P
   SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
logo
Central Semiconductor C...
CMPSH-3A CENTRAL-CMPSH-3A Datasheet
588Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
logo
Micro Commercial Compon...
CMPSH-3A MCC-CMPSH-3A Datasheet
172Kb / 3P
   350mW 30Volt Switching Diode
logo
Shenzhen Luguang Electr...
CMPSH-3A LUGUANG-CMPSH-3A Datasheet
224Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - CMPSH-3A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS731DW SECOS-SCS731DW Datasheet
153Kb / 2P
   0.03 Amp Surface Mount Schottky Barrier Rectifiers Array
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
SD103ASDM DIODES-SD103ASDM Datasheet
50Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 2 - 2
BAT54JW DIODES-BAT54JW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30157 Rev. 4 - 2
logo
Leshan Radio Company
LBAT54TW1T1G LRC-LBAT54TW1T1G Datasheet
93Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
LBAT54TW1T1G LRC-LBAT54TW1T1G_15 Datasheet
172Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW_15 Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
SD103ASDM DIODES-SD103ASDM_08 Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
SD103ATW DIODES-SD103ATW_08 Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 9 - 2
logo
Leshan Radio Company
LRB731XNRT1G LRC-LRB731XNRT1G Datasheet
253Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com