Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN12+10710SP Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # SN12+10710SP
Description  Fiberoptic Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SN12+10710SP Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  SN12+10710SP Datasheet HTML 1Page - JDS Uniphase Corporation SN12+10710SP Datasheet HTML 2Page - JDS Uniphase Corporation SN12+10710SP Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: SN22+10750FA
SN SERIES FIBEROPTIC SWITCH
SN
+1
Code
Control Type
0Direct control
Code
Configuration
11
1x1
12
1x2 (2x1)
22
2x2
Code
Fiber Type
2
9/125/250 µm1
7
9/125/900 µm
Code
Connector Type
NC
No connector
FA
FC/APC
FP
FC/HPC
LC
LC/PC
SC
SC/HPC
SP
ST/HPC
SU
SC/APC
MU
MU
1. The 250 µm fiber option is only available with the “no connector” option.
Code
Fiber Length
01.0 m
51.5 m
Code
Wavelength
1
1525 to 1610 nm
3
1290 to 1330 nm
5
1525 to 1575 nm
D
1290 to 1330 nm and
1525 to 1575 nm
W
1290 to 1330 nm
and 1525 to 1610 nm
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 10131951 Rev. 004 01/08 SNSWITCH.DS.CC.AE
January 2008
Telcordia is a registered trademark of Telcordia Technologies Incorporated.


Similar Part No. - SN12+10710SP

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SN12-300 KEMET-SN12-300 Datasheet
784Kb / 13P
   Differential Mode SN Coils, Standard Series
SN12-400 KEMET-SN12-400 Datasheet
79Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 64 uH, MIN
SN12-400 KEMET-SN12-400 Datasheet
784Kb / 13P
   Differential Mode SN Coils, Standard Series
SN12-400J KEMET-SN12-400J Datasheet
72Kb / 1P
   KEMET, SN-J, AC Line Filters, Normal Mode, 64 uH
SN12-400J KEMET-SN12-400J Datasheet
384Kb / 6P
   Differential Mode SN Coils, SN-J Series, Terminal Base Type
More results

Similar Description - SN12+10710SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC171 ETC2-RC171 Datasheet
262Kb / 3P
   Fiberoptic Sensor
logo
Micropac Industries
66217 MICROPAC-66217 Datasheet
69Kb / 2P
   Fiberoptic LED with internal ball lens
66219 MICROPAC-66219 Datasheet
108Kb / 2P
   Fiberoptic LED with internal ball lens
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
   SWITCH
c
logo
Mini-Circuits
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
   Switch
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
   Switch
ZMSW-1211 MINI-ZMSW-1211 Datasheet
198Kb / 2P
   Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com