Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2W005G Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2W005G
Description  2.0 AMP Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2W005G Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2W005G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2W005G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
2W005G THRU 2W10G
VOLTAGE 50V ~ 1000V
2.0 AMP Glass Passivated Bridge Rectifiers
RATING AND CHARACTERISTIC CURVES ( 2W005G THRU 2W10G )
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
F IG .1-T Y P IC AL F ORW ARD C URRE NT
0.4
0.8
1.2
1.6
2.0
2.4
Single P has e
Half W ave 60Hz
R esistive Or Inductive Load
DE RAT ING C URV E
0
25
50
75
100 125
150
175
C ASE T EMP ER AT UR E,( C )
0
0.1
1.0
.01
10
50
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
40
20
60
100
80
3.0
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
3.0
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
20
40
60
80
100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
01-Jun-2002
Rev. A
Page 2 of 2


Similar Part No. - 2W005G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
2W005G ZOWIE-2W005G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
2W005G GOOD-ARK-2W005G Datasheet
172Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
HY ELECTRONIC CORP.
2W005G HY-2W005G Datasheet
209Kb / 3P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Vishay Siliconix
2W005G VISHAY-2W005G Datasheet
98Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
More results

Similar Description - 2W005G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
GBL201 SECOS-GBL201 Datasheet
257Kb / 2P
   2.0 Amp Glass Passivated Bridge Rectifiers
MB205_15 SECOS-MB205_15_07 Datasheet
248Kb / 2P
   2.0 Amp Glass Passivated Bridge Rectifiers Diodes
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nanjing International G...
DB201G DGNJDZ-DB201G Datasheet
227Kb / 2P
   SINGLE PHASE 2.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
ABS302 YIXIN-ABS302 Datasheet
452Kb / 2P
   Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
ABS202 YIXIN-ABS202 Datasheet
452Kb / 2P
   Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS202-ABS210 DGNJDZ-ABS202-ABS210 Datasheet
399Kb / 2P
   Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
ABS202 DGNJDZ-ABS202 Datasheet
366Kb / 2P
   Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
logo
Bytes
RL201G BYTES-RL201G Datasheet
151Kb / 2P
   2.0 AMP GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com