Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1386 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB1386
Description  PNP Silicon Low Frequency Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB1386 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SB1386 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB1386 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SB1386 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Any changing of specification will not be informed individual
2SB1386
PNP Silicon
Low Frequency Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Fig.1 Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : VBE (V)
0
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
-1m
-2m
-5m
-10m
-20m
-200m
-100m
-50m
-500m
-1
-2
-10
-5
VCE
=
−2V
25
°C
−25
°C
Ta
=100°C
Fig.2 Grounded emitter output
characteristics
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
0
-0.4
-0.8
-1.2
-1.6
-2.0
-1
-2
-3
-5
-4
0
IB
=0A
−20mA
−25mA
−30mA
−10mA
−5mA
−15mA
Ta
=25°C
−50mA
−45mA
−40mA
−35mA
Fig.3 DC current gain vs.
collector current (
Ι)
COLLECTOR CURRENT : IC (A)
Ta
=25
°C
−2V
VCE
=−5V
−1V
-1m
-5m-0.01
-0.05
-1 -2
-5 -10
-2m
100
200
500
1k
2k
5k
50
20
10
5
-0.02
-0.1
-0.5
-0.2
Fig.4 DC current gain vs.
collector current (
ΙΙ)
COLLECTOR CURRENT : IC (A)
VCE
=−1V
-1m
-5m-0.01
-0.05
-1 -2
-5 -10
-2m
100
200
500
1k
2k
5k
50
20
10
5
-0.02
-0.1
-0.5
-0.2
25
°C
−25
°C
Ta
=100
°C
Fig.5 DC current gain vs.
collector current (
ΙΙΙ)
COLLECTOR CURRENT : IC (A)
-1m
-5m-0.01
-0.05
-1 -2
-5 -10
-2m
100
200
500
1k
2k
5k
50
20
10
5
-0.02
-0.1
-0.5
-0.2
25
°C
−25
°C
Ta
=100
°C
VCE
=−2V
Fig.6 Collector-emitter saturation
voltage vs. collector current (
Ι)
IC/IB
=50/1
/1
Ta
=25°C
40/1
30/1
10/1
COLLECTOR CURRENT : IC (A)
-1 -2
-5 -10
-0.01-0.02
-0.1 -0.2 -0.5
-0.05
-2m -5m
-0.01
-2
-1
-0.5
-0.2
-0.1
-0.05
-0.02
-5
Fig.7 Collector-emitter saturation
voltage vs. collector current (
ΙΙ)
Ta
=100°C
25
°C
lC/lB
=10
−25°C
COLLECTOR CURRENT : IC (A)
-1 -2
-5 -10
-0.01-0.02
-0.1 -0.2 -0.5
-0.05
-2m -5m
-0.01
-2
-1
-0.5
-0.2
-0.1
-0.05
-0.02
-5
Fig.8 Collector-emitter saturation
voltage vs. collector current (
ΙΙΙ)
Ta
=100°C
−25°C
25
°C
lC/lB
=30
COLLECTOR CURRENT : IC (A)
-1 -2
-5 -10
-0.01-0.02
-0.1 -0.2 -0.5
-0.05
-2m -5m
-0.01
-2
-1
-0.5
-0.2
-0.1
-0.05
-0.02
-5
Fig.9 Collector-emitter saturation
voltage vs. collector current (IV)
Ta
=100°C
−25°C
25
°C
lC/lB
=40
COLLECTOR CURRENT : IC (A)
-1 -2
-5 -10
-0.01-0.02
-0.1 -0.2 -0.5
-0.05
-2m -5m
-0.01
-2
-1
-0.5
-0.2
-0.1
-0.05
-0.02
-5
01-Jun-2002 Rev. A
Page 2 of 3


Similar Part No. - 2SB1386

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1386 ROHM-2SB1386 Datasheet
107Kb / 5P
   Low Frequency Transistor(-20V,-5A)
logo
Foshan Blue Rocket Elec...
2SB1386 FOSHAN-2SB1386 Datasheet
862Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Weitron Technology
2SB1386 WEITRON-2SB1386 Datasheet
151Kb / 6P
   Epitaxial Planar Transistor PNP Silicon
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SB1386 UTC-2SB1386 Datasheet
200Kb / 5P
   LOW FREQUENCY PNP TRANSISTOR
More results

Similar Description - 2SB1386

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTB1197K FS-FTB1197K Datasheet
134Kb / 3P
   Low Frequency Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SB1386 SECOS-2SB1386_15 Datasheet
512Kb / 3P
   PNP Silicon Low Frequency Transistor
2SB1412 SECOS-2SB1412 Datasheet
209Kb / 3P
   PNP Silicon Low Frequency Transistor
logo
Leshan Radio Company
L2SB1197KQLT1G LRC-L2SB1197KQLT1G_11 Datasheet
93Kb / 3P
   Low Frequency Transistor PNP Silicon
L2SB1197KRLT1 LRC-L2SB1197KRLT1 Datasheet
89Kb / 3P
   Low Frequency Transistor PNP Silicon
logo
Yea Shin Technology Co....
2SB1197KQ YEASHIN-2SB1197KQ Datasheet
673Kb / 3P
   Low Frequency Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SB1386 SECOS-2SB1386_10 Datasheet
512Kb / 3P
   PNP Silicon Low Frequency Transistor
logo
FutureWafer Tech Co.,Lt...
2SA1015 FUTUREWAFER-2SA1015 Datasheet
923Kb / 7P
   Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
logo
Unisonic Technologies
2SA733 UTC-2SA733_11 Datasheet
175Kb / 4P
   LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR
logo
FutureWafer Tech Co.,Lt...
2SA733 FUTUREWAFER-2SA733 Datasheet
959Kb / 7P
   Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com