Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54F299 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54F299
Description  8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54F299 Datasheet(HTML) 1 Page - Texas Instruments

  SN54F299 Datasheet HTML 1Page - Texas Instruments SN54F299 Datasheet HTML 2Page - Texas Instruments SN54F299 Datasheet HTML 3Page - Texas Instruments SN54F299 Datasheet HTML 4Page - Texas Instruments SN54F299 Datasheet HTML 5Page - Texas Instruments SN54F299 Datasheet HTML 6Page - Texas Instruments SN54F299 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54F299, SN74F299
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
WITH 3-STATE OUTPUTS
SDFS071A – MARCH 1987 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Four Modes of Operation:
Hold (Store)
Shift Right
Shift Left
Load Data
Operates With Outputs Enabled or at High
Impedance
3-State Outputs Drive Bus Lines Directly
Can Be Cascaded for N-Bit Word Lengths
Direct Overriding Clear
Applications:
Stacked or Push-Down Registers
Buffer Storage
Accumulator Registers
Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These 8-bit universal shift /storage registers
feature multiplexed I/O ports to achieve full 8-bit
data handling in a single 20-pin package. Two
function-select
(S0,
S1)
inputs
and
two
output-enable (OE1, OE2) inputs can be used to
choose the modes of operation listed in the
function table.
Synchronous parallel loading is accomplished by
taking both S0 and S1 high. This places the 3-state
outputs in a high-impedance state and permits
data that is applied on the I/O ports to be clocked into the register. Reading out of the register can be
accomplished while the outputs are enabled in any mode. Clearing occurs when the clear (CLR) input is low.
Taking either OE1 or OE2 high disables the outputs but has no effect on clearing, shifting, or storage of data.
The SN54F299 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN74F299 is characterized for operation from 0
°C to 70°C.
SN54F299 ...J PACKAGE
SN74F299 . . . DW OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
SL
QH′
H/QH
F/QF
D/QD
G/QG
E/QE
C/QC
A/QA
QA′
SN54F299 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
S0
OE1
OE2
G/QG
E/QE
C/QC
A/QA
QA′
CLR
GND
VCC
S1
SL
QH′
H/QH
F/QF
D/QD
B/QB
CLK
SR
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54F299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F299 TI-SN54F299 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54F299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS299 HITACHI-HD74LS299 Datasheet
91Kb / 6P
   8-bit Universal Shift/Storage Registers(with three-state outputs)
logo
Texas Instruments
SN74HC299 TI1-SN74HC299 Datasheet
224Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH DIRECT CLEAR AND 3-STATE OUTPUTS
SN54ALS323 TI-SN54ALS323 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com