Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN22+10255FP Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # SN22+10255FP
Description  Fiberoptic Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SN22+10255FP Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  SN22+10255FP Datasheet HTML 1Page - JDS Uniphase Corporation SN22+10255FP Datasheet HTML 2Page - JDS Uniphase Corporation SN22+10255FP Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
SN SERIES FIBEROPTIC SWITCH
(Specifications in inches [mm] unless otherwise noted.)
SN Series Dimensions Diagram
NOTES: RECOMMENDED BOARD THICKNESS .063" [1.59]
1.855 [47.12]
1.904 [48.36]
.714 [18.14]
.349 [8.86]
.105 [2.67]
.405 [10.29]
.505 [12.83]
.167 [4.24]
.230 [5.84]
.100 [2.54]
.730 [18.54]
.135 [3.43]
11 PL
.29 [7.4]
.50 [12.7]
SWITCH MOUNTING HOLE PATTERN
Ø .040 [1.02]
.000 [.00]
.300 [7.62]
.400 [10.16]
.125 [3.18]
PCB
Pin #1
Pin #6
Pin #12
Specifications
Parameter
Specification
Wavelength range
1290 to 1330 and/or 1525 to 1610 nm
Insertion loss1
1x1, 1x2
0.8 dB
2x2
1.0 dB
Return loss2
55 dB
Polarization dependent loss2
0.1 dB
Repeatability
±0.05 dB
Crosstalk
-60 dB
Optical input power (continuous wave)
300 mW
Switching time
9 ms
Cycle rate
10 Hz
Power supply3
5 V DC/40 mA ±10%
Dimensions (W x H x D)
48.4 x 8.7 x 18.1 mm
Weight
14 g
Operating temperature
0 to 65 °C, or -5 to 70 °C short term4
Storage temperature
-40 to 85 °C
Humidity (non-condensing)
<85% RH, or 90% RH short term4
Qualification
GR-1221-CORE, GR-1073-CORE
1. Insertion loss is specified for the 1290 to 1330 nm and 1520 to 1570 nm wavelength ranges, all polarization states, and does not include connectors. Add 0.3 dB maximum
over operating temperature range. Add 0.1 dB maximum for extended wavelength operation up to 1610 nm.
2. Excluding connectors.
3. A 5 V DC 40 mA pulse of 20 ms duration is recommended.
4. The switch can be operated over the short term from -5 to 70 °C for 96 consecutive hours or less and a total of 15 days or less over a one year period.


Similar Part No. - SN22+10255FP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN22 EIC-SN22 Datasheet
39Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
GOOD-ARK Electronics
SN22 GOOD-ARK-SN22 Datasheet
197Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE PLASITC RECTIFIER
logo
SynSemi, Inc.
SN22 SYNSEMI-SN22 Datasheet
39Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
EIC discrete Semiconduc...
SN22 EIC-SN22 Datasheet
48Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Cornell Dubilier Electr...
SN220M010ST CDE-SN220M010ST Datasheet
419Kb / 4P
   85 쨘C Non-Polar Aluminum Electrolytic Capacitors
More results

Similar Description - SN22+10255FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC171 ETC2-RC171 Datasheet
262Kb / 3P
   Fiberoptic Sensor
logo
Micropac Industries
66217 MICROPAC-66217 Datasheet
69Kb / 2P
   Fiberoptic LED with internal ball lens
66219 MICROPAC-66219 Datasheet
108Kb / 2P
   Fiberoptic LED with internal ball lens
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
   SWITCH
c
logo
Mini-Circuits
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
   Switch
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
   Switch
ZMSW-1211 MINI-ZMSW-1211 Datasheet
198Kb / 2P
   Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com