Part Name
         Description
TM3086

 RF AMPLIFIER ( 1 Page)


SPECTRUM
100% 
Zoom Out Zoom In
   
 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
1400 - 1600 MHz
1400 - 1600 MHz
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +45 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +42 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +33 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15
mA
60
65 Max.
RF AMPLIFIER
MODEL
TM3086
Available as:
TM3086, 4 Pin TO-8 (T4)
TN3086, 4 Pin Surface Mount (SM3)
FP3086, 4 Pin Flatpack (FP4)
BX3086, Connectorized Housing (H1)
Features
!
!
!
!
! Low Noise Figure: 1.0 dB Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
1.0
1.65 Max.
VSWR
In
<1.6:1
2.0:1 Max.
Out
<1.2:1
2.0:1 Max.
Reverse
Isolation (dB)
-22
-20 Max.
Power @ 1 dB
Comp. (dBm)
19
18 Min.
Gain (dB)
16
15 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
01/27/05
2.0
1.5
1.0
2.0
1.5
1.0
18
16
14
+20
+19
+18
+17
+16
-21
- 22
- 23
- 24
- 25
15
17
Start 1400 MHz
Stop 1600 MHz
Start 1400 MHz
Stop 1600 MHz
Start 1400 MHz
Stop 1600 MHz
Start 1400 MHz
Stop 1600 MHz
Start 1400 MHz
Stop 1600 MHz
Start 1400 MHz
Stop 1600 MHz
2.0
1.0
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
0.5
1.5
0
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
wwwSpectrumMicrowave.com



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
2SC5084_07Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SC5376_07Silicon NPN Epitaxial Type Audio Frequency General Purpose Amplifier Applications 1 2 3 4 5 Toshiba Semiconductor
2SJ338_07Audio-Frequency Power Amplifier Applications 1 2 3 Toshiba Semiconductor
2SK2145_07N CHANNEL JUNCTION TYPE AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK3075_07SILICON N CHANNEL MOS TYPE RF POWER MOSFET FOR VHF−AND UHF−BAND POWER AMPLIFIER 1 2 3 4 Toshiba Semiconductor
S-AU83ALRF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
MT3S11TVHF~UHF Band Low-Noise Amplifier Applications 1 2 3 Toshiba Semiconductor
MT3S37TUHF LOW NOISE AMPLIFIER APPLICATION 1 2 3 4 Toshiba Semiconductor
2SK3656Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl