Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDX-08MD1056B Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # MDX-08MD1056B
Description  100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MDX-08MD1056B Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  MDX-08MD1056B Datasheet HTML 1Page - JDS Uniphase Corporation MDX-08MD1056B Datasheet HTML 2Page - JDS Uniphase Corporation MDX-08MD1056B Datasheet HTML 3Page - JDS Uniphase Corporation MDX-08MD1056B Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMMUNICATIONS MODULES & SUBSYSTEMS
Key Features
• MUX/DEMUX of one, four, or eight ITU 100 GHz spaced
channels onto a fiber pair
• Add/drop up to eight channels at remote sites
• Upgradeable to 32 channels per fiber
• Low pass-through insertion loss for C-band channels
• Fits into standard LGX™-mounting solutions
• Thermally stable passive optics require no power
The JDSU WaveReady 100 GHz Optical Add/Drop Modules (OADM) comprise a
family of flexible, low-cost solutions to enable capacity expansion of existing fiber.
Through use of dense wavelength division multiplexing (DWDM) technology, a
single optical fiber can carry up to 32 discrete optical channels.
The 100 GHz DWDM OADM is configurable as both an OADM and a terminal
multiplexer and demultiplexer (MUX/DEMUX) to support a broad range of
architectures ranging from scalable point-to-point links to four-fiber protected
rings. Innovative band upgrade ports allow for in-service pay-as-you-grow
capacity scaling in multiples of one, four, or eight channels, allowing for lowest
first-day cost without limiting growth. Market standard LGX packaging is readily
deployed in existing LGX-compatible frames or can be adapted into the
WaveReady line of shelves.
The 100 GHz OADM is designed to operate with both the WaveReady line of
transponder and optical regenerator solutions and ITU transponder cards of
widely available transmission equipment.
Applications
• Improves capacity exhaust in
fiber-constrained situations
• Conserves or reclaims fiber with
DWDM
• Supports point-to-point
multichannel
• Supports linear (bus) add/drop and
hub-and-spoke ring architectures
Compliances
• Telcordia GR-1221
• RoHS compliant (exemptions 7b,
8a)
WaveReady
TM
100 GHz Dense Wavelength Division Multiplexing
Optical Add/Drop Module
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com/test
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - MDX-08MD1056B

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-08MDC001B JDSU-MDX-08MDC001B Datasheet
239Kb / 2P
   WaveReady?
More results

Similar Description - MDX-08MD1056B

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
logo
Fuji Electric
FLASHWAVE7600 FUJI-FLASHWAVE7600 Datasheet
833Kb / 2P
   The FLASHWAVE 7600 Dense Wavelength Division Multiplexing (DWDM)
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
logo
Emcore Corporation
2925 EMCORE-2925 Datasheet
67Kb / 2P
   Dense Wave Division Multiplexing (DWDM)
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
logo
OPLINK Communications I...
AWGM5-S0154 OPLINK-AWGM5-S0154 Datasheet
272Kb / 2P
   Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
logo
Bookham, Inc.
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
logo
JDS Uniphase Corporatio...
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
ADM-2F2721010 JDSU-ADM-2F2721010 Datasheet
94Kb / 4P
   Filter Add/Drop Module 200 GHz Spacing
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com