Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-MS1LKTD33C Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part # CT2-MS1LKTD33C
Description  OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-MS1LKTD33C Datasheet(HTML) 7 Page - JDS Uniphase Corporation

  CT2-MS1LKTD33C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-MS1LKTD33C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-MS1LKTD33C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-MS1LKTD33C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-MS1LKTD33C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-MS1LKTD33C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-MS1LKTD33C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-MS1LKTD33C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
OC-48 SFP TRANSCEIVER
Specifications
Parameter
SR
IR-1
IR-2
LR-1
LR-2
Average output power1
Minimum
-10 dBm
-5 dBm
-5 dBm
-2 dBm
-2 dBm
Typical
-7 dBm
-2.5 dBm
-2.5 dBm
0 dBm
0.3 dBm
Maximum
-3 dBm
0 dBm
0 dBm
1.5 dBm
3 dBm
BOL power output1
Minimum
-9 dBm
-4 dBm
-4 dBm
-1 dBm
-1 dBm
Typical
-7 dBm
-2.5 dBm
-2.5 dBm
0 dBm
0.3 dBm
Maximum
-4 dBm
-1.0 dBm
-1.0 dBm
1 dBm
2 dBm
TX operating wavelength
Minimum
1266 nm
1260 nm
1430 nm
1280 nm
1500 nm
Typical
1310 nm
1310 nm
1550 nm
1310 nm
1550 nm
Maximum
1360 nm
1360 nm
1580 nm
1335 nm
1580 nm
Spectral width2
Typical
-
0.3 nm
0.3 nm
0.3 nm
0.3 nm
Maximum
4 nm
1 nm
1 nm
1 nm
1 nm
Side mode suppression ratio (DFB laser)3
Minimum
-
30 dB
30 dB
30 dB
30 dB
Extinction ratio4 (BOL)
Minimum
9.0 dB
9.0 dB
9.0 dB
9.0 dB
9.0 dB
Typical
11.0 dB
10.5 dB
10.0 dB
10.5 dB
10.0 dB
Maximum
13.5 dB
13.5 dB
11.5 dB
13.0 dB
11.5 dB
Extinction ratio4 (EOL)
Minimum
8.2 dB
8.2 dB
8.2 dB
8.2 dB
8.2 dB
Maximum
-
-
12.0 dB
-
12.0 dB
Optical rise and fall times (20 to 80%)
Maximum
200 ps
200 ps
200 ps
200 ps
200 ps
Eye mask of optical output
Compliant with GR-253 and ITU-T G.957
Eye mask margin (filtered)5
Minimum
5%
10%
10%
10%
10%
Typical
15%
15%
15%
15%
15%
Jitter generation (peak-to-peak)6
Maximum
70 mUIP-P
70 mUIP-P
70 mUIP-P
70 mUIP-P 70 mUIP-P
Jitter generation (rms)6
Maximum
7 mUIrms
7 mUIrms
7 mUIrms
7 mUIrms
7 mUIrms
Power output with transmitter disabled
Typical
-50 dBm
-50 dBm
-50 dBm
-50 dBm
-50 dBm
Maximum
-40 dBm
-40 dBm
-40 dBm
-40 dBm
-40 dBm
Receiver sensitivity (BOL, BER=1 x 10-10, ER=10 dB)
Minimum
-21 dBm
-21 dBm
-21 dBm
-31 dBm
-31 dBm
Typical
-23 dBm
-23 dBm
-23 dBm
-32 dBm
-32 dBm
Receiver sensitivity (EOL, BER=1 x 10-10, ER=8.2 dB)
Minimum
-19 dBm
-19 dBm
-19 dBm
-29 dBm
-29 dBm
Maximum received optical power
Minimum
-3 dBm
0 dBm
0 dBm
-8 dBm
-8 dBm
Receiver operating wavelength
Minimum
1260 nm
1260 nm
1260 nm
1260 nm
1260 nm
Maximum
1620 nm
1620 nm
1620 nm
1620 nm
1620 nm
Link status response time
Minimum
3 µs
3 µs
3 µs
3 µs
3 µs
Typical
50 µs
50 µs
50 µs
50 µs
50 µs
Maximum
100 µs
100 µs
100 µs
100 µs
100 µs
Optical path penalty
Maximum
1 dB
1 dB
1 dB
1 dB
2 dB
Dispersion
Maximum
12 ps/nm
-
800 ps/nm
-
1600 ps/nm
Receiver reflectance
Maximum
-27 dB
-27 dB
-27 dB
-27 dB
-27 dB
Minimum optical return loss
Minimum
-
-24 dB
-24 dB
-24 dB
-24 dB
BER floor
Maximum
10-15
10-15
10-15
10-15
10-15
Reflect into Tx for <1 dB degradation at the receiver
Maximum
-24 dB
-24 dB
-
-24 dB
-24 dB
Standard case temperature
-5 to 75 °C
Extended case temperature
-40 to 85 °C
Bit rate
155 to 2700 Mb/s
1. Measured as fiber coupled power into a standard single mode fiber, typical connector repeatability is ±1 dB. LC duplex cables manufactured by Stratos are not
recommended due to a potentially larger window of repeatability.
2. Full spectral width measured 20 dB down from the central wavelength peak under fully modulated conditions.
3. Ratio of the average output power in the dominant longitudinal mode to the power in the most significant side mode in fully modulated conditions.
4. Ratio of logic 1 output power to logic 0 output power under fully modulated conditions with a PRBS 23 data pattern.
5. GR-253-CORE, ITU-T, Recommendation G.957. Tested at STM1, STM4, STM16.
6. Formatted OC-48 pattern with scrambled PRBS payload using an Agilent OmniBer as the optical source driving the CT2 optical receiver. The differential data outputs of
this optical receiver are used as the electrical inputs for the CT2 transmitter which optically drives the OmniBer receiver input to complete the jitter test circuit. This is a 60
second test as recommended in GR-253.


Similar Part No. - CT2-MS1LKTD33C

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CT2-M20 NAIS-CT2-M20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-M30 NAIS-CT2-M30 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-M34 NAIS-CT2-M34 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-M40 NAIS-CT2-M40 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-MC20 NAIS-CT2-MC20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
More results

Similar Description - CT2-MS1LKTD33C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-PI1LATD31C JDSU-CT2-PI1LATD31C Datasheet
205Kb / 8P
   OC-12 SFP Transceiver (Multirate,1310 nm and 1550 nm)
CT2-NI1LATD31C JDSU-CT2-NI1LATD31C Datasheet
205Kb / 8P
   OC-3 SFP Transceiver (1310 nm and 1550 nm)
logo
Optoway Technology Inc
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720MG OPTOWAY-SPB-9720MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9620MG OPTOWAY-SPB-9620MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9705MG OPTOWAY-SPB-9705MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9605MG OPTOWAY-SPB-9605MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9640MG OPTOWAY-SPB-9640MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPM-9600MG OPTOWAY-SPM-9600MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPB-9720MWG OPTOWAY-SPB-9720MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com