Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWM-T40D3LGX Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FWM-T40D3LGX
Description  Multi-Channel CWDM Mux/Demux 20 nm Spacing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FWM-T40D3LGX Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FWM-T40D3LGX Datasheet HTML 1Page - JDS Uniphase Corporation FWM-T40D3LGX Datasheet HTML 2Page - JDS Uniphase Corporation FWM-T40D3LGX Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MULTI-CHANNEL CWDM MUX/DEMUX 20 NM SPACING
Specifications
Parameter
4 Channel
8 Channel
Operating wavelength range
1300 to 1620 nm
Wavelength centers (ITU wavelengths)
1470nm, 1490nm, 1510nm, 1530nm, 1550nm, 1570nm, 1590nm, 1610nm
Wavelength centers (ITU+1 wavelengths)
1471nm, 1491nm, 1511nm, 1531nm, 1551nm, 1571nm, 1591nm, 1611nm
Passband
Minimum
λc ± 6.5 nm
Passband ripple
Maximum
0.35 dB
Insertion loss1
Demultiplexer module
Maximum
2.0 dB
3.2 dB
Multiplexer module
Maximum
1.7 dB
2.9 dB
Isolation (adjacent channel)
Demultiplexer module
Minimum
30 dB
Multiplexer module
Minimum
15 dB
Isolation (non-adjacent channel)
Demultiplexer module
Minimum
50 dB
Multiplexer module
Minimum
15 dB
Directivity
Minimum
50 dB
Return loss
Minimum
45 dB
Polarization dependent loss
Maximum
0.2 dB
Polarization mode dispersion
Maximum
0.2 ps
Operating temperature range
-40 to 75 °C
Storage temperature range
-40 to 85 °C
Fiber type
SMF-28 or equivalent (900
µm, 1.6 mm, 2.0 mm, 3.0 mm)
Pigtail length (for flat box only)
1.0± 0.1 m
Package dimensions
LGX cassette (W x D x H)
6.35" x 5.10" x 1.15"
6.35" x 5.10" x 2.28"
Flat box (W x D x H)
125.7 x 93.0 x 9.9 mm
125.7 x 93.0 x 9.9 mm
1. Losses include one connector. If no connector option is selected, the maximum loss should be 0.2 dB lower.


Similar Part No. - FWM-T40D3LGX

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FWM-4D33SCSB2 JDSU-FWM-4D33SCSB2 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SCSB4 JDSU-FWM-4D33SCSB4 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SCSB8 JDSU-FWM-4D33SCSB8 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SLGB2 JDSU-FWM-4D33SLGB2 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SLGB4 JDSU-FWM-4D33SLGB4 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
More results

Similar Description - FWM-T40D3LGX

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-08MXC001A JDSU-MDX-08MXC001A Datasheet
131Kb / 3P
   8 Channel CWDM Multiplexer/Demultiplexer (Mux/Demux)
logo
MRV Communications, Inc...
MRV-FD-PWDM MRV-MRV-FD-PWDM Datasheet
288Kb / 3P
   Passive CWDM MUX/DeMUX Modules
logo
Finisar Corporation.
M-DF-8-LC FINISAR-M-DF-8-LC Datasheet
126Kb / 2P
   CWDM MUX/DEMUX-8 Optibox??Module
logo
JDS Uniphase Corporatio...
DWM-2F4DS2720 JDSU-DWM-2F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 200 GHz Spacing
DWM-1F4DS2720 JDSU-DWM-1F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
logo
Finisar Corporation.
FWSF-M-D-1550-CWDM FINISAR-FWSF-M-D-1550-CWDM Datasheet
183Kb / 2P
   1550/CWDM MUX/DEMUX Plug-in Module
M-DF-4-EX-LC FINISAR-M-DF-4-EX-LC Datasheet
128Kb / 2P
   CWDM MUX/DEMUX-4-EX Optibox Module
M-DF-4-2-LC FINISAR-M-DF-4-2-LC Datasheet
120Kb / 2P
   CWDM MUX/DEMUX-4-2 Optibox Module
FWSF-M-D-8 FINISAR-FWSF-M-D-8 Datasheet
176Kb / 2P
   CWDM MUX/DEMUX-8 Plug-in Module
FWSF-M-D-4-EX FINISAR-FWSF-M-D-4-EX Datasheet
162Kb / 2P
   CWDM MUX/DEMUX-4-EX Plug-in Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com