Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCG05D40054-27BF Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part # SCG05D40054-27BF
Description  Benchtop/Rackmount Programmable Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SCG05D40054-27BF Datasheet(HTML) 7 Page - JDS Uniphase Corporation

  SCG05D40054-27BF Datasheet HTML 1Page - JDS Uniphase Corporation SCG05D40054-27BF Datasheet HTML 2Page - JDS Uniphase Corporation SCG05D40054-27BF Datasheet HTML 3Page - JDS Uniphase Corporation SCG05D40054-27BF Datasheet HTML 4Page - JDS Uniphase Corporation SCG05D40054-27BF Datasheet HTML 5Page - JDS Uniphase Corporation SCG05D40054-27BF Datasheet HTML 6Page - JDS Uniphase Corporation SCG05D40054-27BF Datasheet HTML 7Page - JDS Uniphase Corporation SCG05D40054-27BF Datasheet HTML 8Page - JDS Uniphase Corporation SCG05D40054-27BF Datasheet HTML 9Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
BENCHTOP/RACKMOUNT PROGRAMMABLE SWITCHES
Ordering Information
SB Model Sample: SB2E10141+27XF000FP
Code
Connector Type
FP
FC/PC (bulkhead max. 24)
FA
FC/APC (bulkhead max. 24)
SC
SC/PC (bulkhead max. 24)
SU
SC/APC (bulkhead max. 24)
NC
No connector
1. Bulkheads and pigtails cannot be mixed in the same panel unless custom ordered.
2. For reverse direction, use bidirectional.
SB Switch Package Information
Connector Type
Chassis Size
Switch Configuration
Max Channel Counts (input + output)
Bulkhead
2U bench top
C, D, E
24
Bulkhead
2U bench top
F
22
Pigtail
2U bench top
C, D
49
Pigtail
2U bench top
F
22
If the configurations available do not meet your performance
requirements, please contact our global sales and customer
service team to discuss the potential for specialized solutions.
SB
+2
Code
Wavelength Range (nm)
F
1270 to 1670
Q
850 to 1350 (MM only)
B
750 to 940 (MM only)
Code
Cable Length (3mm diameter)
001
1 m
003
3 m
009
9 m
000
Not applicable (bulkheads only)
Code
Number of Input Channels
1C
1 input channel, C config.
2D
2 input channels, D config.
2E
2 input channels, E config.
2F
2 input channels, F config.
Code
Input Port Type1
1
Bulkheads on front
4
Pigtails on back
Code
Number of Output Channels
002
2 output channels
::
020
20 output channels
::
024
24 output channels
::
048
48 output channels
Code
Output Port Type1
1
Bulkheads on front
4
Pigtails on back
Code
Return Loss
XStandard
AAnalog
B
Bidirectional,
standard RL2
C
Bidirectional
analog RL2
Code
Fiber Type (µm)
7
9/125
1
50/125
2
62.5/125


Similar Part No. - SCG05D40054-27BF

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
SCG002 WJCI-SCG002 Datasheet
127Kb / 4P
   InGaP HBT Gain Block
SCG002 WJCI-SCG002 Datasheet
177Kb / 4P
   InGaP HBT Gain Block
SCG002B-G WJCI-SCG002B-G Datasheet
127Kb / 4P
   InGaP HBT Gain Block
SCG002B-G WJCI-SCG002B-G Datasheet
177Kb / 4P
   InGaP HBT Gain Block
SCG002B-PCB WJCI-SCG002B-PCB Datasheet
127Kb / 4P
   InGaP HBT Gain Block
More results

Similar Description - SCG05D40054-27BF

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-521 JFW-50PA-521 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-63 JFW-50BA-001-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-016-63 JFW-50BA-016-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-017-63.5 JFW-50BA-017-63.5 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-030-31 JFW-50BA-030-31 Datasheet
37Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-501 JFW-50PA-501 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
75PA-052 JFW-75PA-052 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-505 JFW-50PA-505 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-95 JFW-50BA-001-95 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-032-31 JFW-50BA-032-31 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com