Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDM-CAD04172 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # WDM-CAD04172
Description  Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WDM-CAD04172 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  WDM-CAD04172 Datasheet HTML 1Page - JDS Uniphase Corporation WDM-CAD04172 Datasheet HTML 2Page - JDS Uniphase Corporation WDM-CAD04172 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
COARSE WAVELENGTH DIVISION MULTIPLEXER (CWDM)
ADD/DROP FILTER
Functional Diagram
Specifications
Parameter
1 Ch
2 Ch
4 Ch
Operating wavelength range1
Minimum
1460 – 1620 nm
Passband width
Minimum
λc±6.5 nm
Add/Drop insertion loss2
Maximum
1.2 dB
1.5 dB
2.0 dB
Express insertion loss2
Maximum
1.5 dB
2.2 dB
3.0 dB
Passband ripple
Maximum
0.35 dB
Add/drop isolation
Adjacent channel
Minimum
30 dB
Non-adjacent channel
Minimum
50 dB
Express isolation
Minimum
30 dB
Polarization dependent loss
Maximum
0.2 dB
Polarization mode dispersion
Maximum
0.2 ps
Return loss
Minimum
45 dB
Directivity
Minimum
50 dB
Optical power
Maximum
500 mW
Operating temperature range
-40 – 85°C
Storage temperature range
-40 – 85°C
Operating humidity
5 – 85%
1. 1260 – 1620 nm is also available upon request, please contact JDSU for details.
2. Including connectors' loss.


Similar Part No. - WDM-CAD04172

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-CAD04100 JDSU-WDM-CAD04100 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
WDM-CAD04101 JDSU-WDM-CAD04101 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
WDM-CAD04102 JDSU-WDM-CAD04102 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
WDM-CAD04110 JDSU-WDM-CAD04110 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
WDM-CAD04111 JDSU-WDM-CAD04111 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
More results

Similar Description - WDM-CAD04172

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
   Coarse Wavelength-division Multiplexer
logo
JDS Uniphase Corporatio...
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
WDM-D13150001 JDSU-WDM-D13150001 Datasheet
148Kb / 3P
   1310/1550 Wavelength Division Multiplexer (WDM) Dual Line Filter
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
OPLINK Communications I...
AWGM5-S0154 OPLINK-AWGM5-S0154 Datasheet
272Kb / 2P
   Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com