Electronic Components Datasheet Search |
|
SCG05D20052-22XB Datasheet(PDF) 9 Page - JDS Uniphase Corporation |
|
SCG05D20052-22XB Datasheet(HTML) 9 Page - JDS Uniphase Corporation |
9 / 9 page BENCHTOP/RACKMOUNT PROGRAMMABLE SWITCHES UL is a registered trademark of Underwriters Laboratories Inc. LabVIEW is a registered trademark of National Instruments Corporation. All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase Corporation. All rights reserved. 10109644 Rev. 009 09/07 BTRKMTPROGSW.DS.TM.AE Ordering Information SCG Model Sample: SCG06D20241+27XF000FP If the configurations available do not meet your performance requirements, please contact our global sales and customer service team to discuss the potential for specialized solutions. SCG Switch Package Information Connector Type Chassis Size Switch Configuration Max Channel Counts (input + output) Bulkhead 3U 19” rack mount C, D, E, F 60 front panel; 60 rear panel Pigtail 3U 19” rack mount C, D, E, F 90 front panel; 90 rear panel Continued SCG +2 Code Wavelength Range (nm) F 1270 to 1670 Q 850 to 1350 (MM only) B 750 to 940 (MM only) Code Cable Length (3mm diameter) 001 1 m 003 3 m 009 9 m 000 Not applicable (bulkheads only) Code Connector Type FP FC/PC (maximum 60) FA FC/APC (maximum 60) SC SC/PC (maximum 60) SU SC/APC (maximum 60) NC No connector Code Number of Output Channels2 05 5 input channels :: 08 8 input channels :: 16 16 input channels :: 45 45 input channels Code Configuration D D configuration E E configuration F F configuration Code Number of Output Channels2 005 5 output channels :: 048 48 output channels :: 072 72 output channels :: 090 90 output channels Code Output Port Type1 1 Bulkheads on front2 2 Bulkheads on back2 4 Pigtails on back Code Return Loss XStandard B Bidirectional, standard RL3 Code Fiber Type (µm) 7 9/125 1 50/125 2 62.5/125 1. The inputs and outputs must exit on opposite sides. (For example, if inputs exit from the front, then the outputs must exit from the rear.) 2. For exact layout of bulkheads and labeling, contact JDSU. 3. For reverse direction, use bidirectional. Code Input Port Type1 1 Bulkheads on front2 2 Bulkheads on back2 4 Pigtails on back NORTH AMERICA TEL : 1 866 228 3762 FAX : +1 301 353 9216 Test & Measurement Regional Sales LATIN AMERICA TEL : +55 11 5503 3800 FAX : +55 11 5505 1598 ASIA PACIFIC TEL : +852 2892 0990 FAX : +852 2892 0770 EMEA TEL : +49 7121 86 2222 FAX : +49 7121 86 1222 www.jdsu.com/test |
Similar Part No. - SCG05D20052-22XB |
|
Similar Description - SCG05D20052-22XB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |