Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4934E Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC4934E
Description  Silicon NPN Epitaxial
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4934E Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC4934E Datasheet HTML 1Page - Hitachi Semiconductor 2SC4934E Datasheet HTML 2Page - Hitachi Semiconductor 2SC4934E Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Application
High voltage amplifier
Ordering Information
hFE
————————————————————
2SC4934D
250 to 500
————————————————————
2SC4934E
400 to 800
————————————————————
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
———————————————————————————————————————————
Collector to base voltage
VCBO
120
V
———————————————————————————————————————————
Collector to emitter voltage
VCEO
120
V
———————————————————————————————————————————
Emitter to base voltage
VEBO
5V
———————————————————————————————————————————
Collector current
IC
0.2
A
———————————————————————————————————————————
Collector power dissipation
PC
1.5
W
———————————————————————————————————————————
Collector power dissipation
PC*1
8W
———————————————————————————————————————————
Junction temperature
Tj
150
°C
———————————————————————————————————————————
Storage temperature
Tstg
–55 to +150
°C
———————————————————————————————————————————
Note: 1. Value at TC = 25°C.
1
2
3
1. Emitter
2. Collector
3. Base
TO–126FM
2SC4934
Silicon NPN Epitaxial


Similar Part No. - 2SC4934E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4931 SANYO-2SC4931 Datasheet
111Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amp Applications???
logo
Toshiba Semiconductor
2SC4935 TOSHIBA-2SC4935 Datasheet
153Kb / 2P
   NPN EPITAXIAL TYPE (POWER AMPLIFIER APPLICATIONS)
2SC4935 TOSHIBA-2SC4935 Datasheet
120Kb / 4P
   Power Amplifier Applications
2SC4935 TOSHIBA-2SC4935_04 Datasheet
120Kb / 4P
   Power Amplifier Applications
logo
Rohm
2SC4937 ROHM-2SC4937 Datasheet
45Kb / 2P
   Triple Diffused Planar NPN Silicon Transistor Swiching Regulator, High Speed DC-DC Converter
More results

Similar Description - 2SC4934E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com