Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWS-2F3883P20 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # DWS-2F3883P20
Description  WDM,Filter, 200 GHz, ITU Component
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

DWS-2F3883P20 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  DWS-2F3883P20 Datasheet HTML 1Page - JDS Uniphase Corporation DWS-2F3883P20 Datasheet HTML 2Page - JDS Uniphase Corporation DWS-2F3883P20 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Sample: DWS-2F3883P20
WDM, FILTER, 200 GHZ, ITU COMPONENT
Channel Frequency
Provided by JDSU upon
customer confirmation
DWS-2F
3P
Code
Fiber Type
2
250 µm fiber (No connectors only)
9
900 µm fiber
Code
Connector Type1
0No connectors
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
6
LC/UPC
1. Other connectors available upon request
Product specifications and descriptions in this document subject to change without notice. © 2009 JDS Uniphase Corporation 21026141 005 0309 DWS200GITU.DS.CC.AE
March 2009
Telcordia is a registered trademark of Telcordia Technologies Incorporated.


Similar Part No. - DWS-2F3883P20

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
DWS-1F3683L20 JDSU-DWS-1F3683L20 Datasheet
124Kb / 2P
   WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
DWS-1F3683L20-WB JDSU-DWS-1F3683L20-WB Datasheet
124Kb / 2P
   WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
DWS-1F3683L22 JDSU-DWS-1F3683L22 Datasheet
124Kb / 2P
   WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
DWS-1F3683L22-WB JDSU-DWS-1F3683L22-WB Datasheet
124Kb / 2P
   WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
DWS-1F3683L23 JDSU-DWS-1F3683L23 Datasheet
124Kb / 2P
   WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
More results

Similar Description - DWS-2F3883P20

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
DWS-1F3883P20 JDSU-DWS-1F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
logo
Bookham, Inc.
TF0501553329 BOOKHAM-TF0501553329 Datasheet
433Kb / 3P
   50GHz WDM Filter Chips
logo
Protek Devices
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
logo
Bookham, Inc.
TF2001553329 BOOKHAM-TF2001553329 Datasheet
318Kb / 3P
   200GHz WDM Filter Chips
TF1001553329 BOOKHAM-TF1001553329 Datasheet
324Kb / 3P
   100GHz WDM Filter Chips
logo
Protek Devices
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
logo
OPLINK Communications I...
UWDM59-S0172 OPLINK-UWDM59-S0172 Datasheet
174Kb / 2P
   Ultra Hi-Rel Undersea Component Family Fused Single-Mode WDM
UWDM59 OPLINK-UWDM59 Datasheet
174Kb / 2P
   Ultra Hi-Rel Undersea Component Family Fused Single-Mode WDM
logo
JDS Uniphase Corporatio...
ADM-2F2721010 JDSU-ADM-2F2721010 Datasheet
94Kb / 4P
   Filter Add/Drop Module 200 GHz Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com