Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-MI2LFCW1YC Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # CT2-MI2LFCW1YC
Description  2.5 Gb/s CWDM SFP Transceiver (Multirate)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-MI2LFCW1YC Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  CT2-MI2LFCW1YC Datasheet HTML 1Page - JDS Uniphase Corporation CT2-MI2LFCW1YC Datasheet HTML 2Page - JDS Uniphase Corporation CT2-MI2LFCW1YC Datasheet HTML 3Page - JDS Uniphase Corporation CT2-MI2LFCW1YC Datasheet HTML 4Page - JDS Uniphase Corporation CT2-MI2LFCW1YC Datasheet HTML 5Page - JDS Uniphase Corporation CT2-MI2LFCW1YC Datasheet HTML 6Page - JDS Uniphase Corporation CT2-MI2LFCW1YC Datasheet HTML 7Page - JDS Uniphase Corporation CT2-MI2LFCW1YC Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
COMMUNICATIONS MODULES & SUBSYSTEMS
Key Features
• SFP MSA compatible
• 2.5 Gb/s compliant CWDM performance for short haul
and long haul
• Microprocessor-based design fully implements the Digital
Diagnostic Monitoring Interface
• Automatic output power and extinction ratio control over
temperature and lifetime to compensate for laser efficiency
degradation
• Both PIN and APD versions meet -27 dB receiver reflectance
• Optical parameters tuned and optimized over temperature
in production test
The JDSU CT2 Series 2.5 Gb/s Coarse Wavelength Division Multiplexing
(CWDM) transceiver integrates optics and electronics in a Small Form Factor
Pluggable (SFP) package. It is Multisource Agreement (MSA) compatible and
designed for CWDM operation per ITU-T G.695 for unidirectional 8 channel
black-link transmission (S-C8S1-1DX and S-C8L1-1DX). Although optimized
for 2.5 Gb/s, the CT2 provides multi-rate capabilities and can be used for various
protocols ranging from OC-3 (155 Mb/s) up to 2.7 Gb/s including 622 Mb/s,
1x/2x FC, GbE and 2x GbE.
The CT2 Series CWDM SFP transceiver provides a fully G.695 8 channel black-
link compliant interface between the optical Mux/Demux photonic layer and the
electrical layer. Its microprocessor-based modular design implements all features
specified in the SFP MSA compatible 2-wire Serial Digital Diagnostic Monitoring
Interface for Optical Transceivers.
The major components in this module include an uncooled distributed feedback
(DFB) based optical transmitter, a PIN or APD based optical receiver with
integrated transimpedence amplifier (TIA), an APD high voltage circuit (if
required), a microprocessor, a limiting post amplifier, and a laser driver. This
CWDM transceiver design offers a "hot-pluggable" interface and is available in
short haul (40 km, PIN) and long haul (80 km, APD) configurations.
Applications
• Metro access
•Metro core
• Wide area networks
• Optical crossconnects
Compliance
• GR-253-CORE
• ITU-T G.957
• SFF-8472 Revision 9.3
• ITU-T G.695
2.5 Gb/s CWDM SFP Transceiver (Multirate)
CT2 Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - CT2-MI2LFCW1YC

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-MI2LFTD31C JDSU-CT2-MI2LFTD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LFTD33C JDSU-CT2-MI2LFTD33C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LFTD51C JDSU-CT2-MI2LFTD51C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LFTD53C JDSU-CT2-MI2LFTD53C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
More results

Similar Description - CT2-MI2LFCW1YC

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9310VW-CXX0G OPTOWAY-SPS-9310VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9380VW-CXX0G OPTOWAY-SPS-9380VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9330VW-CXX0G OPTOWAY-SPS-9330VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9350VW-CXX0G OPTOWAY-SPS-9350VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com