Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QA-CH-E Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # QA-CH-E
Description  High-Power Q-Switched Diode-Pumped UV Laser
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

QA-CH-E Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  QA-CH-E Datasheet HTML 1Page - JDS Uniphase Corporation QA-CH-E Datasheet HTML 2Page - JDS Uniphase Corporation QA-CH-E Datasheet HTML 3Page - JDS Uniphase Corporation QA-CH-E Datasheet HTML 4Page - JDS Uniphase Corporation QA-CH-E Datasheet HTML 5Page - JDS Uniphase Corporation QA-CH-E Datasheet HTML 6Page - JDS Uniphase Corporation QA-CH-E Datasheet HTML 7Page - JDS Uniphase Corporation QA-CH-E Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
HIGH-POWER Q-SWITCHED DIODE-PUMPED UV LASER
Q Series Laser Head Specifications
Parameter
Q301-HD
Q302-HD
Q303-HD
Q304-HD
Wavelength
355 nm
355 nm
355 nm
355 nm
Spatial mode
TEM00
TEM00
TEM00
TEM00
M-squared1
<1.2
<1.2
<1.2
<1.2
Waist location1 (internal, from beam exit)
42±0.4 cm
42±0.4 cm
42±0.4 cm
42±0.4 cm
Waist diameter1, 1/e2
0.26 mm nominal
0.26 mm nominal
0.26 mm nominal
0.25 mm nominal
Beam divergence1, full angle
1.8±0.35 mrad
1.8±0.35 mrad
1.8±0.35 mrad
2.0±0.35 mrad
Beam pointing drift, full angle
<10 µrad/°C
<10 µrad/°C
<10 µrad/°C
<10 µrad/°C
Pointing drift, over 8 hours, full angle2
<50 µrad
<50 µrad
<50 µrad
<50 µrad
Beam position accuracy, unit to unit
<2.5 mm from nominal <2.5 mm from nominal <2.5 mm from nominal <2.5 mm from nominal
Beam pointing accuracy, unit to unit
<1° from nominal
<1° from nominal
<1° from nominal
<1° from nominal
Repetition rate
Internally triggered
5 to 250 kHz
5 to 250 kHz
5 to 250 kHz
5 to 250 kHz
Externally triggered
0 to 250 kHz
0 to 250 kHz
0 to 250 kHz
0 to 250 kHz
Constant pulse energy range
<10 kHz
<30 kHz
<50 kHz
<40 kHz
Average output power3
At 10, 20, and 30 kHz
≥10.0, 8.0 and 6.0 W -
-
At 30, 50, and 70 kHz
-
≥8.0, 6.8, and 5.0 W
-
At 70, 100, and 130 kHz
-
-
≥6.5, 4.5, and 2.9 W -
At 40, 60, and 90 kHz
-
-
-
≥11.0, 9.5, 6.3 W
Pulse width4
At 10, 20, and 30 kHz
34±10,52±15,69±15 ns
-
-
-
At 30, 50, and 70 kHz
-
78±20,107±20,135±30ns -
-
At 70, 100, and 130 kHz
-
135±35,180±45,225±60ns -
At 40, 60, and 90 kHz
-
-
-
95±30,130±35,180±50ns
Pulse energy fluctuations5
At 10, 20, and 30 kHz
<1.0%, 10 – 30 kHz
-
-
-
At 30, 50, and 70 kHz
-
<1.5%, 30 – 50 kHz
-
-
At 70, 100, and 130 kHz
-
-
<1.5%, <2.0%, <2.5% -
At 40, 60, and 90 kHz
-
-
-
<1.5%, 40 – 90 kHz
Power drift over 8 hours2, 6
<±2%
<±2%
<±2%
<±2%
Beam roundness
>85% circular
>85% circular
>85% circular
>85% circular
Polarization
>100:1, horizontal
>100:1, horizontal
>100:1, horizontal
>100:1, horizontal
Warm-up time
From cold start
<20 minutes
<20 minutes
<20 minutes
<20 minutes
From standby
<10 minutes
<10 minutes
<10 minutes
<10 minutes
Operating ambient temperature
15 to 35°C
15 to 35°C
15 to 35°C
15 to 35°C
Relative humidity, non-condensing
10 to 80%
10 to 80%
10 to 80%
10 to 80%
Weight
14.5 kg
14.5 kg
14.5 kg
14.5 kg
1. Specifications hold over different repetition rate ranges, depending on the laser model, as follows:
Q301 from 10 to 30 kHz, for Q302 from 30 to 70 kHz, for Q303 from 70 to 130 kHz, and Q304 from 40 to 90 kHz.
2. Ambient temperature constant ±2°C.
3. Averaged for 1 hour after >80 minutes of continuous operation.
4. Pulse duration measured according to method detailed in JDSU application note titled “Optical Pulse Width Measurement Techniques for Q-Series Lasers.”
5. Pulse Energy Fluctuations =
σ / μ x 100%, σ = standard deviation, μ = average pulse energy.
6. Measured after more than 80 minutes of continuous operation.


Similar Part No. - QA-CH-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QA-1000HC ETC1-QA-1000HC Datasheet
105Kb / 6P
   Full Featured Programmable Analog Supply Current Monitor
logo
Honeywell Accelerometer...
QA-1400 HONEYWELL-ACC-QA-1400 Datasheet
51Kb / 2P
   Cost-effective inertial-grade sensor
QA-1500 HONEYWELL-ACC-QA-1500 Datasheet
90Kb / 2P
   High-g tactical navigation sensor
QA-2000 HONEYWELL-ACC-QA-2000 Datasheet
83Kb / 2P
   The inertial navigation standard
QA-3000 HONEYWELL-ACC-QA-3000 Datasheet
71Kb / 2P
   Highest inertial navigation-grade performance
More results

Similar Description - QA-CH-E

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMPL-532 ROITHNER-RLTMPL-532 Datasheet
243Kb / 3P
   Green Diode Pumped Solid State Q-switched Laser
logo
JDS Uniphase Corporatio...
M110-1047-050 JDSU-M110-1047-050 Datasheet
192Kb / 5P
   Q-Switched IR Laser
logo
Roithner LaserTechnik G...
RLTCO-1064-400W ROITHNER-RLTCO-1064-400W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-50W ROITHNER-RLTCO-1064-50W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-500W ROITHNER-RLTCO-1064-500W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-200W ROITHNER-RLTCO-1064-200W Datasheet
143Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-75W ROITHNER-RLTCO-1064-75W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-100W ROITHNER-RLTCO-1064-100W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-300W ROITHNER-RLTCO-1064-300W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
MGM2-1 ROITHNER-MGM2-1 Datasheet
144Kb / 1P
   Green Diode Pumped Laser Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com