Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q-PS-A70R Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # Q-PS-A70R
Description  High-Power Q-Switched Diode-Pumped UV Laser
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

Q-PS-A70R Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  Q-PS-A70R Datasheet HTML 1Page - JDS Uniphase Corporation Q-PS-A70R Datasheet HTML 2Page - JDS Uniphase Corporation Q-PS-A70R Datasheet HTML 3Page - JDS Uniphase Corporation Q-PS-A70R Datasheet HTML 4Page - JDS Uniphase Corporation Q-PS-A70R Datasheet HTML 5Page - JDS Uniphase Corporation Q-PS-A70R Datasheet HTML 6Page - JDS Uniphase Corporation Q-PS-A70R Datasheet HTML 7Page - JDS Uniphase Corporation Q-PS-A70R Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HIGH-POWER Q-SWITCHED DIODE-PUMPED UV LASER
Q Series 355 nm Laser Head
(Specifications in inches [mm] unless otherwise noted. Dimensions include mounting pads.)
.90
[22.9]
2.19 [55.6]
.94
[23.9]
4.82
[122.4]
1.06
[26.9]
UMBILICAL CABLE PORT
COOLING WATER CONNECTION, 2X
8.75 [222.3]
9.84 [250.0]
10.00 [254.0]
LOCATION POINT, 3X
.25
[6.4]
5.00
[127.0] 4.92
[125.0]
4.92
[125.0]
5.00
[127.0]
3X, .266 WIDE X .346 LONG SLOT
[3X, 6.8 WIDE X 8.8 LONG SLOT]
32.00 [812.8]
3X MOUNTING PADS
Detail A
Scale 1:2
.669
[17.00]
1.050 [26.65]
.100 [2.54]
3.39 [86.1]
2.75 [69.8]
5.50 [139.7]
1.987 [50.47]
Laser Center
A
.040
[1.0]
WATER HOSE FITTINGS
ELECTRICAL
INTERFACE PANEL
21.0
17.3
WATER FILL PORT
VOLTAGE SELECTION
ACCESS
[440]
[533]
13.00
10.4
[264]
[329]
16.80
[426.7]
14.34
[364.2]
3.48 [88.4]
.24 [6.1]
3.00 [76.2]
.35 [8.9]
18.30 [464.8]
4X, .218 X .375
Power Supply and Chiller
(Specifications in inches [mm] unless otherwise noted. )


Similar Part No. - Q-PS-A70R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q-PAD-3 ETC2-Q-PAD-3 Datasheet
375Kb / 2P
   Conforms to surface textures
Q-PAD-II ETC2-Q-PAD-II Datasheet
373Kb / 2P
   Designed to replace thermal grease
logo
Qualtek Electronics Cor...
Q-PTFE QUALTEK-Q-PTFE Datasheet
576Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-PTFE QUALTEK-Q-PTFE Datasheet
651Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-PTFE QUALTEK-Q-PTFE_13 Datasheet
651Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results

Similar Description - Q-PS-A70R

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMPL-532 ROITHNER-RLTMPL-532 Datasheet
243Kb / 3P
   Green Diode Pumped Solid State Q-switched Laser
logo
JDS Uniphase Corporatio...
M110-1047-050 JDSU-M110-1047-050 Datasheet
192Kb / 5P
   Q-Switched IR Laser
logo
Roithner LaserTechnik G...
RLTCO-1064-400W ROITHNER-RLTCO-1064-400W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-50W ROITHNER-RLTCO-1064-50W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-500W ROITHNER-RLTCO-1064-500W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-200W ROITHNER-RLTCO-1064-200W Datasheet
143Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-75W ROITHNER-RLTCO-1064-75W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-100W ROITHNER-RLTCO-1064-100W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-300W ROITHNER-RLTCO-1064-300W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
MGM2-1 ROITHNER-MGM2-1 Datasheet
144Kb / 1P
   Green Diode Pumped Laser Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com